Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC-HZ12BMM-QL Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

No. de pieza ADC-HZ12BMM-QL
Descripción Electrónicos  12-Bit, 8 and 20關sec Analog-to-Digital Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA-PS [Murata Power Solutions Inc.]
Página de inicio  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADC-HZ12BMM-QL Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  ADC-HZ12BMM-QL Datasheet HTML 1Page - Murata Power Solutions Inc. ADC-HZ12BMM-QL Datasheet HTML 2Page - Murata Power Solutions Inc. ADC-HZ12BMM-QL Datasheet HTML 3Page - Murata Power Solutions Inc. ADC-HZ12BMM-QL Datasheet HTML 4Page - Murata Power Solutions Inc. ADC-HZ12BMM-QL Datasheet HTML 5Page - Murata Power Solutions Inc. ADC-HZ12BMM-QL Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
FEATURES
12-bit resolution
8 or 20 microsecond conversion times
5 input voltage ranges
Internal high Z input buffer
Short-cycle operation
MIL-STD-883 models available
Figure 1. Functional Block Diagram
FEATURES
S
PRECISION
REF (+6.3V)
CLOCK
SUCCESSIVE
APPROXIMATION
REGISTER
12-BIT DAC
COMPARATOR
6.3k
5k
REF. OUT
18
+5V POWER
16
27
GAIN
ADJUST
15
14
20
30
BUFFER
INPUT
29
23
BIPOLAR
OFFSET
22
COMPARATOR
INPUT
24
25
26
32
SERIAL
DATA
OUT
13
1
MSB
12
1
MSB
11
2
10
3
9
4
8
5
7
6
6
7
5
8
4
9
3
10
2
11
1
12
LSB.
21
19
17
CLOCK
RATE
PARALLEL DATA OUT
BIT NO.
+
5k
BUFFER
OUTPUT
10V
INPUT
20V
INPUT
ANALOG
COMMON
BUFFER
AMPLIFIER
CLOCK
OUT
START
CONV.
DIGITAL
COMMON
SHORT
CYCLE
E.O.C.
STATUS
–15V POWER
31
+15V POWER
28
The ADC-HX and ADC-HZ Series are self-
contained, high-performance, 12-bit A/D converters
manufactured with thick and thin-film hybrid tech-
nology. They use the successive approximation
conversion technique to achieve a 12-bit conver-
sion in 20 and 8 microseconds, respectively. Five
input voltage ranges are programmable by external
pin connection. An internal buffer amplifier is also
provided for applications in which 50 megohm
input impedance is required.
These converters utilize a fast 12-bit monolithic
DAC which includes a precision zener reference
source. The circuit also contains a fast mono-
lithic comparator, a monolithic 12-bit successive
approximation register, a clock and a monolithic
buffer amplifier. Nonlinearity is specified at
±1/2LSB maximum.
Both models have identical operation except
for conversion speed. They can be short-cycled to
give faster conversions in lower-resolution applica-
tions. Use of the internal buffer amplifier increases
conversion time by 3 microseconds, the settling
time of the amplifier. Output coding is comple-
mentary binary, complementary offset binary, or
complementary two’s complement. Serial data is
also brought out. The package is a 32-pin ceramic
TDIP. Models are available for use in either com-
mercial (0 to +70°C) or military (–55 to +125°C)
operating temperature ranges. MIL-STD-883 and
DESC Standard Military Drawing models are also
available.
PRODUCT OVERVIEW
INPUT/OUTPUT CONNECTIONS
Pin
Function
Pin
Function
1
BIT 12 (LSB)
32
SERIAL DATA OUTPUT
2
BIT 11
31
–15V POWER
3
BIT 10
30
BUFFER INPUT
4
BIT 9
29
BUFFER OUTPUT
5
BIT 8
28
+15V POWER
6
BIT 7
27
GAIN ADJUST
7
BIT 6
26
ANALOG COMMON
8
BIT 5
25
20V INPUT RANGE
9
BIT 4
24
10V INPUT RANGE
10
BIT 3
23
BIPOLAR OFFSET
11
BIT 2
22
COMPARATOR INPUT
12
BIT 1 (MSB)
21
START CONVERT
13
BIT 1 (MSB)
20
E.O.C. (STATUS)
14
SHORT CYCLE
19
CLOCK OUT
15
DIGITAL COMMON
18
REFERENCE OUT
16
+5V POWER
17
CLOCK RATE
ADC-HX, ADC-HZ Series
12-Bit, 8 and 20μsec Analog-to-Digital Converters
For full details go to
www.murata-ps.com/rohs
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
MDA_ADCHXHZ.B01 Page 1 of 6


Número de pieza similar - ADC-HZ12BMM-QL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DATEL, Inc.
ADC-HZ12BMM-QL DATEL-ADC-HZ12BMM-QL Datasheet
107Kb / 1P
   Legacy Analog-to-Digital Converters
ADC-HZ12BMM-QL-C DATEL-ADC-HZ12BMM-QL-C Datasheet
107Kb / 1P
   Legacy Analog-to-Digital Converters
More results

Descripción similar - ADC-HZ12BMM-QL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC7109 MICROCHIP-TC7109 Datasheet
496Kb / 30P
   12-Bit 關A-Compatible Analog-to-Digital Converters
2006
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
   8-Bit Digital-to-Analog Converters
logo
TriQuint Semiconductor
TQ6122 TRIQUINT-TQ6122 Datasheet
939Kb / 23P
   1 Gigasample/sec, 8-bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com