Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC-10-1R Datasheet(PDF) 1 Page - Mini-Circuits

No. de pieza ADC-10-1R
Descripción Electrónicos  Directional Coupler 50廓 5 to 900 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADC-10-1R Datasheet(HTML) 1 Page - Mini-Circuits

  ADC-10-1R Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
minicircuits.com
TM
IF/RF MICROWAVE COMPONENTS
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±
� .002
Frequency
(MHz)
Mainline Loss
(dB)
In-Out
Coupling
(dB)
In-Cpl
Directivity
(dB)
In
Return Loss
(dB)
Out
Cpl
Typical Performance Data
Directional Coupler Electrical Specifications
Maximum Ratings
Pin Connections
Features
• communications
• cable tv
• wideband, 5-900 MHz
• low mainline loss, 0.8 db typ.
• excellent coupling flatness, ±0.2 typ.
• aqueous washable
• protected by U.S Patents 6,133,525 & 6,140,887
Applications
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
CASE STYLE: CD542
PRICE:$7.95 ea. QTY (10-49)
Demo Board MCL P/N: TB-32
Suggested PCB Layout (PL-094)
Outline Drawing
Outline Dimensions (
)
inch
mm
ADC-10-1R
MAINLINE LOSS
0.5
0.7
0.9
1.1
1.3
0
180
360
540
720
900
FREQUENCY (MHz)
at RF level of -10 dBm
ADC-10-1R
COUPLING & DIRECTIVITY
0
10
20
30
40
50
60
0
180
360
540
720
900
FREQUENCY (MHz)
COUPLING
DIRECTIVITY
at RF level of -10 dBm
ADC-10-1R+
ADC-10-1R
ADC-10-1R
RETURN LOSS
0
10
20
30
40
50
0
180
360
540
720
900
FREQUENCY (MHz)
IN
OUT
CPL
at RF level of -10 dBm
Electrical Schematic
50Ω
5 to 900 MHz
Directional Coupler
REV. C
M119986
ED-6704/1
ADC-10-1R
WZ/TD/CP/AM
081111
Surface Mount
A
B
C
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
FREQ.
(MHz)
COUPLING
(dB)
MAINLINE LOSS1
(dB)
DIRECTIVITY
(dB)
VSWR
(:1)
POWER
INPUT, W
Nom.
Flatness
L
Typ. Max.
M
Typ. Max.
U
Typ. Max.
L
Typ. Min.
M
Typ. Min.
U
Typ. Min.
Typ.
L
MU
Max. Max.
f
L-fU
5-900
10.5±0.5
±0.5
0.7 1.2
0.8 1.2
0.9 1.5
40 25
30 20
18 12
1.3
1.0
1.0
INPUT
1
OUTPUT
6
COUPLED
3
GROUND
2,5
ISOLATE (DO NOT USE)
4
L= 5-50 MHz
M= 50-450 MHz
U= 450-900 MHz
1. Mainline loss includes theoretical power loss at coupled port.
5.00
0.73
10.46
39.26
23.33
32.99
20.92
25.00
0.73
10.47
41.83
23.80
33.86
21.15
50.00
0.72
10.46
42.49
23.65
33.70
20.95
100.00
0.72
10.46
41.16
23.19
31.77
20.42
200.00
0.76
10.54
35.13
21.89
27.73
18.85
300.00
0.82
10.62
30.28
20.41
24.77
17.13
450.00
0.75
10.54
24.90
18.54
21.73
14.98
600.00
0.86
10.71
20.67
17.18
19.54
13.38
750.00
0.80
10.63
17.31
16.29
17.92
12.21
900.00
1.03
10.88
14.39
15.79
16.77
11.46
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
Permanent damage may occur if any of these limits are exceeded.


Número de pieza similar - ADC-10-1R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
ADC-10-4 MINI-ADC-10-4 Datasheet
261Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
ADC-10-4++ MINI-ADC-10-4+ Datasheet
261Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
ADC-10-4-75 MINI-ADC-10-4-75 Datasheet
260Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-10-4-75++ MINI-ADC-10-4-75+ Datasheet
260Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-10-4-75R MINI-ADC-10-4-75R Datasheet
298Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
More results

Descripción similar - ADC-10-1R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
JDC-20-2 MINI-JDC-20-2 Datasheet
308Kb / 1P
   Directional Coupler 50廓 400 to 900 MHz
ADC-20-4 MINI-ADC-20-4 Datasheet
240Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
ADC-6-1R MINI-ADC-6-1R Datasheet
255Kb / 1P
   Directional Coupler 50廓 5 to 200 MHz
LRDC-10-1 MINI-LRDC-10-1 Datasheet
274Kb / 1P
   Directional Coupler 50廓 5 to 500 MHz
ADC-10-4 MINI-ADC-10-4 Datasheet
261Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
ADC-15-4 MINI-ADC-15-4 Datasheet
240Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
TCD-9-1W MINI-TCD-9-1W Datasheet
285Kb / 1P
   Directional Coupler 50廓 5 to 2000 MHz
TCD-18-4 MINI-TCD-18-4 Datasheet
281Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
LRDC-10-1J MINI-LRDC-10-1J Datasheet
277Kb / 1P
   Directional Coupler 50廓 5 to 500 MHz
JDC-10-2 MINI-JDC-10-2 Datasheet
310Kb / 1P
   Directional Coupler 50廓 5 to 750 MHz
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com