Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74AHC123APWR Datasheet(PDF) 8 Page - Texas Instruments |
|
|
SN74AHC123APWR Datasheet(HTML) 8 Page - Texas Instruments |
8 / 23 page SN54AHC123A, SN74AHC123A DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS SCLS352H − JULY 1997 − REVISED OCTOBER 2005 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION NOTES: A. CL includes probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: ZO = 50 Ω, tr + 3 ns, tf + 3 ns. C. The outputs are measured one at a time, with one input transition per measurement. 50% VCC tPLH tPHL VOH VOL VCC 50% VCC 50% VCC VCC Input A (see Note B) 50% VCC 0 V 0 V In-Phase Output Out-of-Phase Output VOLTAGE WAVEFORMS DELAY TIMES Input B (see Note B) VOL VOH LOAD CIRCUIT Test Point CL (see Note A) From Output Under Test 50% VCC tPLH tPHL tPHL tPLH VOH VOH VOL VOL VCC 0 V 50% VCC Input CLR (see Note B) Out-of-Phase Output In-Phase Output VOLTAGE WAVEFORMS DELAY TIMES 50% VCC 50% VCC 50% VCC 50% VCC VCC 0 V tw VOLTAGE WAVEFORMS PULSE DURATION Inputs or Outputs 50% VCC 50% VCC Figure 1. Load Circuit and Voltage Waveforms |
Número de pieza similar - SN74AHC123APWR |
|
Descripción similar - SN74AHC123APWR |