Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AHC594 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AHC594
Descripción Electrónicos  8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC594 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHC594 Datasheet HTML 1Page - Texas Instruments SN74AHC594 Datasheet HTML 2Page - Texas Instruments SN74AHC594 Datasheet HTML 3Page - Texas Instruments SN74AHC594 Datasheet HTML 4Page - Texas Instruments SN74AHC594 Datasheet HTML 5Page - Texas Instruments SN74AHC594 Datasheet HTML 6Page - Texas Instruments SN74AHC594 Datasheet HTML 7Page - Texas Instruments SN74AHC594 Datasheet HTML 8Page - Texas Instruments SN74AHC594 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54AHC594, SN74AHC594
8BIT SHIFT REGISTERS
WITH OUTPUT REGISTERS
SCLS423F − JUNE 1998 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Range 2-V to 5.5-V VCC
D 8-Bit Serial-In, Parallel-Out Shift
Registers With Storage
D Independent Direct Overriding Clears
on Shift and Storage Registers
D Independent Clocks for Shift and
Storage Registers
D Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
The ’AHC594 devices contain an 8-bit serial-in,
parallel-out shift register that feeds an 8-bit D-type
storage register. Separate clocks and direct
overriding clear (SRCLR, RCLR) inputs are
provided on the shift and storage registers. A
serial (QH′) output is provided for cascading
purposes.
The shift register (SRCLK) and storage register
(RCLK) clocks are positive-edge triggered. If the
clocks are tied together, the shift register always
is one clock pulse ahead of the storage register.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74AHC594N
SN74AHC594N
SOIC − D
Tube
SN74AHC594D
AHC594
SOIC − D
Tape and reel
SN74AHC594DR
AHC594
−40
°C to 85°C
SOP − NS
Tape and reel
SN74AHC594NSR
AHC594
−40 C to 85 C
SSOP − DB
Tape and reel
SN74AHC594DBR
HA594
TSSOP − PW
Tube
SN74AHC594PW
HA594
TSSOP − PW
Tape and reel
SN74AHC594PWR
HA594
CDIP − J
Tube
SNJ54AHC594J
SNJ54AHC594J
−55
°C to 125°C
CFP − W
Tube
SNJ54AHC594W
SNJ54AHC594W
−55 C to 125 C
LCCC − FK
Tube
SNJ54AHC594FK
SNJ54AHC594FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54AHC594 ...J OR W PACKAGE
SN74AHC594 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
SN54AHC594 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
QB
QC
QD
QE
QF
QG
QH
GND
VCC
QA
SER
RCLR
RCLK
SRCLK
SRCLR
QH′
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
SER
RCLR
NC
RCLK
SRCLK
QD
QE
NC
QF
QG


Número de pieza similar - SN74AHC594

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AHC594 TI-SN74AHC594 Datasheet
561Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHC594 TI1-SN74AHC594 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN74AHC594 TI1-SN74AHC594 Datasheet
1Mb / 32P
[Old version datasheet]   SN74AHC594-Q1 Automotive 8-Bit Shift Register With Output Registers
MARCH 2024
SN74AHC594-Q1 TI1-SN74AHC594-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   SN74AHC594-Q1 Automotive 8-Bit Shift Register With Output Registers
MARCH 2024
SN74AHC594D TI1-SN74AHC594D Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
More results

Descripción similar - SN74AHC594

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com