Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STF2020A-1001-CQ5W Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

No. de pieza STF2020A-1001-CQ5W
Descripción Electrónicos  PRECISION THIN FILM CHIP ARRAYS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RCD [RCD COMPONENTS INC.]
Página de inicio  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

STF2020A-1001-CQ5W Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  STF2020A-1001-CQ5W Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRECISION THIN FILM CHIP ARRAYS
H Exceptional performance & stability!
H TC to 5ppm, TC tracking to 2ppm, low noise
H Tolerance to 0.1%,matching to 0.02%
H 4 resistors per array reduces mounting costs
H Custom schematics and multiple values available
FEATURES
56.5-41-5
TYPICAL PERFORMANCE CHARACTERISTICS
SPECIFICATIONS
STF2020
RESISTORS
MCAPACITORSMCOILSMDELAY LINES
e
g
n
a
R
e
c
n
a
t
s
i
s
e
R0
0
1
K
4
2
o
t
)
e
l
b
a
l
i
a
v
a
e
g
n
a
r
d
e
d
n
e
t
x
e
(
e
c
n
a
r
e
l
o
T
e
t
u
l
o
s
b
A%
1
,
%
5
.
0
,
%
5
2
.
0
,
)
d
t
s
(
%
1
.
0
±
e
c
n
a
r
e
l
o
T
o
i
t
a
R
/
g
n
i
h
c
t
a
M%
2
0
.
0
o
t
e
l
b
a
l
i
a
v
A
C
T
e
t
u
l
o
s
b
Am
p
p
5
2
,
m
p
p
0
1
,
)
d
t
s
(
C
g
e
d
/
m
p
p
5
-
/
+
C
T
g
n
i
k
c
a
r
Tm
p
p
2
o
t
e
l
b
a
l
i
a
v
A
g
n
i
t
a
R
r
e
w
o
P
l
a
u
d
i
v
i
d
n
IW
m
2
6
g
n
i
t
a
R
r
e
w
o
P
e
g
a
k
c
a
PW
5
2
.
0
e
p
y
T
D
C
Rg
i
f
n
o
Cr
e
p
e
g
a
t
t
a
W
t
n
e
m
e
l
E
.
s
i
s
e
R
g
n
i
k
r
o
W
e
g
a
t
l
o
V
1
0
.
±
L
]
5
2
.
[
8
0
0
.
±
W
]
2
.
[
8
0
0
.
±
P
]
2
.
[
H
x
a
M
.
p
y
t
T
0
2
0
2
F
T
SA
W
m
2
6V
0
8]
5
[
7
9
1
.]
5
[
7
9
1
.]
]
7
2
.
1
[
0
5
0
.]
1
[
9
3
0
.]
8
.
0
[
2
3
0
.
e
g
n
a
R
.
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
5
2
1
+
o
t
C
°
5
6
-
)
c
e
s
5
,
W
d
e
t
a
r
X
5
.
2
(
d
a
o
l
r
e
v
O
e
m
i
t
t
r
o
h
S%
5
0
.
0
±
)
c
e
s
0
1
,
C
°
0
6
2
(
t
a
e
H
r
e
d
l
o
S
o
t
e
c
n
a
t
s
i
s
e
R%
5
0
.
0
±
)
s
r
h
0
0
1
,
C
°
0
4
,
H
R
%
5
9
-
0
9
(
.
s
e
R
e
r
u
t
s
i
o
M%
1
.
0
±
)
s
e
l
c
y
c
5
,
C
°
5
2
1
+
o
t
5
6
-
(
g
n
il
c
y
C
.
p
m
e
T%
1
.
0
±
W
d
e
t
a
r
t
a
s
r
h
0
0
0
1
(
e
f
i
L
d
a
o
L
5
2 )
%
1
.
0
±
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
Im
h
o
g
e
M
0
0
0
,
0
1
RCD Components Inc., 520 E. Industrial Park Dr., Manchester, NH, USA 03109
Tel: (603) 669-0054 Fax:(603) 669-5455 E-mail:
sales@rcdcomponents.com www.rcdcomponents.com
FA115
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RoHS
P/N DESIGNATION:
Termination: W= RoHS (Tin plated Ni)
STF2020 A
- 1002 - B Q 52 W T
RCD Type
Packaging: B = Bulk, T = Tape & Reel
Config: A
0.635
SUGGESTED PAD LAYOUT (mm)
4
0.8
↑↑↑↑↑
↓↓↓↓↓
↑↑↑↑↑
↓↓↓↓↓
0.635
AMBIENT TEMPERATURE (°C)
70
POWER DERATING
(derate from full rated power at 70°C to zero
power at 125 °C)
-65
25
50
75
100
125
150
175 200
100
75
50
25
0
Config. A (custom circuits avail.)
1
↑↑↑↑↑
↓↓↓↓↓
P
L
W
T
H
→ ←
Tolerance Code:B= 0.1%,C=.25%,D=.5%,F=1%
Option (leave blank if standard)
Res.Code 3 sig. figures & multiplier
(1000=100
Ω, 1001=1KΩ, 1002 = 10KΩ, etc)
Ratio Tolerance: Q=0.02%, A=0.05%, Z=0.1%
(leave blank if not required)
TC: 25=25ppm, 205=25ppm abs/5ppm track, 10=10ppm, 105=10ppm abs/
5ppm track, 102=10ppm abs/2ppm track, 5=5ppm, 52=5ppm abs/2ppm track


Número de pieza similar - STF2020A-1001-CQ5W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SMC Diode Solutions Co....
STF20200 SMCDIODE-STF20200 Datasheet
298Kb / 6P
   SCHOTTKY RECTIFIER
Rev. A
logo
Sangdest Microelectroni...
STF20200C SMC-STF20200C Datasheet
84Kb / 4P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STF20200C SMCDIODE-STF20200C Datasheet
472Kb / 4P
   SCHOTTKY RECTIFIER
Rev. B
STF20200CE SMCDIODE-STF20200CE Datasheet
270Kb / 5P
   SCHOTTKY RECTIFIER
Rev. A
STF20200CR SMCDIODE-STF20200CR Datasheet
472Kb / 4P
   SCHOTTKY RECTIFIER
Rev. B
More results

Descripción similar - STF2020A-1001-CQ5W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
PRAHR VISHAY-PRAHR Datasheet
117Kb / 7P
   ESCC 4001/025 Qualified High Precision Thin Film Chip Resistor Arrays
Revision: 19-Nov-14
logo
RHOPOINT COMPONENTS
RR1632 RHOPOINT-RR1632 Datasheet
69Kb / 1P
   Precision Thin Film Chip
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
List of Unclassifed Man...
T1206 ETC-T1206 Datasheet
843Kb / 2P
   PRECISION THIN FILM CHIP RESISTROS
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com