Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS25-A-B-A Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

No. de pieza SS25-A-B-A
Descripción Electrónicos  5 Vdc Input, 3.3 Vdc Output DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA-PS [Murata Power Solutions Inc.]
Página de inicio  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

SS25-A-B-A Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  SS25-A-B-A Datasheet HTML 1Page - Murata Power Solutions Inc. SS25-A-B-A Datasheet HTML 2Page - Murata Power Solutions Inc. SS25-A-B-A Datasheet HTML 3Page - Murata Power Solutions Inc. SS25-A-B-A Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Information
Typical examples:
SS
25
-
A
-
A
-
A
Standard configuration 5V to 3.3V
with 1.8V-3.6V trim range
SS
25
-
B
-
A
-
A
Pin Out
Pin
Function
Description
1
Vo
Output Voltage
2
Vo
Output Voltage
3
Vo
Output Voltage
4
GNd
Ground
5
GNd
Ground
6
VIN
Input Voltage
7
VIN
Input Voltage
7A
Pgood
Power Good Option
8
Trim
Output Voltage Adjust
9
Enable
Enable Option
Power Good
Enable
Programming (See Table 2)
A = Pin 7A installed for Power
A = logic1 or open = ON
A = Standard 3.3V with Pin 8 open
Good option
logic 0 or gnd = OFF
or program per Table 2.
B = Pin omitted (industry standard)
B = logic 0 or gnd = ON
logic 1 = OFF
Mechanical
TOLERANCES
+.008” for 3 place decimals
+ .02” for 2 place decimals
+ .002” for pin diameter
.14 (3.56)
0.28 (7.2)
1 2
3 4
5 6 7 7A 8 9
2.50 (63.5)
1.900 (48.26)
.200 (5.08)
0.025 (64)
SQUARE TIP
.100 (2.54)
OPTIONAL
0.100 (2.54)
0.55 (14.0)
0.25
(6.35)
0.30
(7.62)
.16 (4.06)
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2009 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339 3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore: Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 & ISO 14001 REGISTERED


Número de pieza similar - SS25-A-B-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SS25-L MCC-SS25-L Datasheet
332Kb / 5P
   2 Amp Schottky Rectifier 20 to 200 Volts
SS25-L MCC-SS25-L Datasheet
317Kb / 5P
   2 Amp Schottky Rectifier 20 to 150 Volts
SS25-L MCC-SS25-L Datasheet
347Kb / 5P
   2 Amp Schottky Rectifier 20 to 200 Volts
SS25-L MCC-SS25-L Datasheet
266Kb / 5P
   2 Amp Schottky Rectifier 20 to 200 Volts
logo
Frontier Electronics.
SS25-LFR FRONTIER-SS25-LFR Datasheet
182Kb / 2P
   2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - SS25-A-B-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
C&D Technologies
SS26 CANDD-SS26 Datasheet
238Kb / 4P
   5 VDC INPUT, 3.3 VDC OUTPUT DC/DC CONVERTER
logo
Wall Industries,Inc.
LANC243.3W12 WALL-LANC243.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
LANC123.3W12 WALL-LANC123.3W12 Datasheet
880Kb / 14P
   DC/DC Converter 9-18 VDC Input 3.3 VDC Output at 3.5A
LANC2433UW12 WALL-LANC2433UW12 Datasheet
923Kb / 14P
   DC/DC Converter 9-36 VDC Input 3.3 VDC Output at 3.5A
LANC4833UW12 WALL-LANC4833UW12 Datasheet
941Kb / 14P
   DC/DC Converter 18-75 VDC Input 3.3 VDC Output at 3.5A
LANC483.3W12 WALL-LANC483.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 3.3 VDC Output at 3.5A
logo
WAGO Kontakttechnik Gmb...
787-2801 WAGO-787-2801 Datasheet
390Kb / 6P
   DC/DC Converter; 24 VDC input voltage; 5 VDC output voltage
logo
Tyco Electronics
FC250F1 MACOM-FC250F1 Datasheet
1Mb / 20P
   Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
logo
Power-One
Q24T15050-PBA0 POWER-ONE-Q24T15050-PBA0 Datasheet
331Kb / 14P
   Q24T15050 DC-DC Converter Data Sheet 18-36 VDC Input; 5 VDC @ 15A Output
Q24S15050-NS00 POWER-ONE-Q24S15050-NS00 Datasheet
327Kb / 14P
   Q24S15050 DC-DC Converter Data Sheet 18-36 VDC Input; 5 VDC @ 15A Output
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com