Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74AHCT595PWE4 Datasheet(PDF) 6 Page - Texas Instruments |
|
SN74AHCT595PWE4 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 16 page SN54AHCT595, SN74AHCT595 8BIT SHIFT REGISTERS WITH 3STATE OUTPUT REGISTERS SCLS374L − MAY 1997 − REVISED FEBRUARY 2004 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C SN54AHCT595 SN74AHCT595 UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX MIN MAX UNIT VOH IOH = −50 mA 4.5 V 4.4 4.5 4.4 4.4 V VOH IOH = −8 mA 4.5 V 3.94 3.8 3.8 V VOL IOL = 50 mA 4.5 V 0.1 0.1 0.1 V VOL IOL = 8 mA 4.5 V 0.36 0.44 0.44 V II VI = 5.5 V or GND 0 V to 5.5 V ±0.1 ±1* ±1 mA IOZ VO = VCC or GND, QA−QH 5.5 V ±0.25 ±2.5 ±2.5 mA ICC VI = VCC or GND, IO = 0 5.5 V 4 40 40 mA ∆ICC† One input at 3.4V, Other inputs at VCC or GND 5.5 V 2 2.2 2.2 mA Ci VI = VCC or GND 5 V 3 10 10 pF Co VO = VCC or GND 5 V 5.5 pF * On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V. † This is the increase in supply current for each input at one of the specified TTL voltage levels, rather than 0 V or VCC. timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) TA = 25°C SN54AHCT595 SN74AHCT595 UNIT MIN MAX MIN MAX MIN MAX UNIT SRCLK high or low 5 5.5 5.5 tw Pulse duration RCLK high or low 5 5.5 5.5 ns tw Pulse duration SRCLR low 5 5 5 ns SER before SRCLK ↑ 3 3 3 tsu Setup time SRCLK ↑ before RCLK↑‡ 5 5 5 ns tsu Setup time SRCLR low before RCLK ↑ 5 5 5 ns SRCLR high (inactive) before SRCLK ↑ 3.4 3.8 3.8 th Hold time SER after SRCLK ↑ 2 2 2 ns ‡ This setup time allows the storage register to receive stable data from the shift register. The clocks can be tied together, in which case the shift register is one clock pulse ahead of the storage register. PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Número de pieza similar - SN74AHCT595PWE4 |
|
Descripción similar - SN74AHCT595PWE4 |