Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74ALS138A Datasheet(PDF) 8 Page - Texas Instruments |
|
|
SN74ALS138A Datasheet(HTML) 8 Page - Texas Instruments |
8 / 16 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-86866012A ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC 5962-8686601FA ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC JM38510/37701B2A ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC JM38510/37701BEA ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SN54ALS138AJ ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SN54AS138J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SN74ALS138AD ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS138ADG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS138ADR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS138ADRG4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS138AN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74ALS138ANE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74ALS138ANSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS138ANSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS138D ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS138DE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS138DR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS138DRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS138N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74AS138N3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74AS138NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74AS138NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS138NSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SNJ54ALS138AFK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54ALS138AJ ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54ALS138AW ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SNJ54AS138FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54AS138J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. PACKAGE OPTION ADDENDUM www.ti.com 26-Sep-2005 Addendum-Page 1 |
Número de pieza similar - SN74ALS138A |
|
Descripción similar - SN74ALS138A |