Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74ALS161B Datasheet(PDF) 1 Page - Texas Instruments |
|
|
SN74ALS161B Datasheet(HTML) 1 Page - Texas Instruments |
1 / 14 page SN54ALS161B, SN54ALS162B, SN54ALS163B, SN54AS161, SN54AS163 SN74ALS161B, SN74ALS163B, SN74AS161, SN74AS163 SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS SDAS276 – DECEMBER 1994 Copyright © 1994, Texas Instruments Incorporated 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 • Internal Look-Ahead Circuitry for Fast Counting • Carry Output for n-Bit Cascading • Synchronous Counting • Synchronously Programmable • Package Options Include Plastic Small-Outline (D) Packages, Ceramic Chip Carriers (FK), and Standard Plastic (N) and Ceramic (J) 300-mil DIPs description These synchronous, presettable, 4-bit decade and binary counters feature an internal carry look-ahead circuitry for application in high-speed counting designs. The SN54ALS162B is a 4-bit decade counter. The ′ALS161B, ′ALS163B, ′AS161, and ′AS163 are 4-bit binary counters. Synchronous operation is provided by having all flip-flops clocked simultaneously so that the outputs change coincidentally with each other when instructed by the count-enable (ENP, ENT) inputs and internal gating. This mode of operation eliminates the output counting spikes normally associated with asynchronous (ripple-clock) counters. A buffered clock (CLK) input triggers the four flip-flops on the rising (positive-going) edge of the clock input waveform. These counters are fully programmable; they may be preset to any number between 0 and 9 or 15. Because presetting is synchronous, setting up a low level at the load (LOAD) input disables the counter and causes the outputs to agree with the setup data after the next clock pulse, regardless of the levels of the enable inputs. The clear function for the ′ALS161B and ′AS161 is asynchronous. A low level at the clear (CLR) input sets all four of the flip-flop outputs low, regardless of the levels of the CLK, LOAD, or enable inputs. The clear function for the SN54ALS162B, ′ALS163B, and ′AS163 is synchronous, and a low level at CLR sets all four of the flip-flop outputs low after the next clock pulse, regardless of the levels of the enable inputs. This synchronous clear allows the count length to be modified easily by decoding the Q outputs for the maximum count desired. The active-low output of the gate used for decoding is connected to CLR to synchronously clear the counter to 0000 ( LLLL ). The carry look-ahead circuitry provides for cascading counters for n-bit synchronous applications without additional gating. ENP and ENT inputs and a ripple-carry (RCO) output are instrumental in accomplishing this function. Both ENP and ENT must be high to count, and ENT is fed forward to enable RCO. RCO, thus enabled, produces a high-level pulse while the count is maximum (9 or 15 with QA high). The high-level overflow ripple-carry pulse can be used to enable successive cascaded stages. Transitions at ENP or ENT are allowed, regardless of the level of CLK. SN54ALS161B, SN54ALS162B, SN54ALS163B, SN54AS161, SN54AS163 ...J PACKAGE SN74ALS161B, SN74ALS163B, SN74AS161, SN74AS163 ...D OR N PACKAGE (TOP VIEW) 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 QA QB NC QC QD A B NC C D SN54ALS161B, SN54ALS162B, SN54ALS163B, SN54AS161, SN54AS163 . . . FK PACKAGE (TOP VIEW) NC – No internal connection 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 CLR CLK A B C D ENP GND VCC RCO QA QB QC QD ENT LOAD PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Número de pieza similar - SN74ALS161B |
|
Descripción similar - SN74ALS161B |