Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74ALS253N Datasheet(PDF) 3 Page - Texas Instruments |
|
|
SN74ALS253N Datasheet(HTML) 3 Page - Texas Instruments |
3 / 7 page SN54ALS253, SN74ALS253, SN74AS253A DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS SDAS216A – APRIL 1982 – REVISED DECEMBER 1994 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VCC 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage applied to a disabled 3-state output 5.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: SN54ALS253 – 55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN74ALS253 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. recommended operating conditions SN54ALS253 SN74ALS253 UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 4.5 5 5.5 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.7 0.8 V IOH High-level output current –1 – 2.6 mA IOL Low-level output current 12 24 mA TA Operating free-air temperature –55 125 0 70 °C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS SN54ALS253 SN74ALS253 UNIT PARAMETER TEST CONDITIONS MIN TYP‡ MAX MIN TYP‡ MAX UNIT VIK VCC = 4.5 V, II = – 18 mA – 1.5 – 1.5 V VCC = 4.5 V to 5.5 V, IOH = – 0.4 mA VCC –2 VCC –2 VOH VCC =4 5V IOH = – 1 mA 2.4 3.3 V VCC = 4.5 V IOH = – 2.6 mA 2.4 3.2 VOL VCC =4 5V IOL = 12 mA 0.25 0.4 0.25 0.4 V VOL VCC = 4.5 V IOL = 24 mA 0.35 0.5 V IOZH VCC = 5.5 V, VO = 2.7 V 20 20 µA IOZL VCC = 5.5 V, VO = 0.4 V –20 –20 µA II VCC = 5.5 V, VI = 7 V 0.1 0.1 mA IIH VCC = 5.5 V, VI = 2.7 V 20 20 µA IIL VCC = 5.5 V, VI = 0.4 V – 0.1 – 0.1 mA IO§ VCC = 5.5 V, VO = 2.25 V –20 –112 –30 –112 mA ICC VCC =5 5V Outputs high 6.5 12 6.5 12 mA ICC VCC = 5.5 V Outputs disabled 7.5 14 7.5 14 mA ‡ All typical values are at VCC = 5 V, TA = 25°C. § The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS. |
Número de pieza similar - SN74ALS253N |
|
Descripción similar - SN74ALS253N |