Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF12 Datasheet(PDF) 1 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

No. de pieza UF12
Descripción Electrónicos  UF cores and UI cores
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YUXIANG [YUXIANG Magnetc materials Ind. Co., Ltd.]
Página de inicio  http://www.magnet-tech.com
Logo YUXIANG - YUXIANG Magnetc materials Ind. Co., Ltd.

UF12 Datasheet(HTML) 1 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

  UF12 Datasheet HTML 1Page - YUXIANG Magnetc materials Ind. Co., Ltd. UF12 Datasheet HTML 2Page - YUXIANG Magnetc materials Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UF & UI Core
Features of UF cores and UI cores
UF-core and UI-core, these Soft ferrite shapes are available in lamination materials (for stacking), powdered
material (typically powdered iron), and ferrite materials. In laminated form, features of UF cores and UI cores are
similar to that of the "C" core, and can take full advantage of grain orientation while their laminated counterparts
only take about 60% to 80%. UF cores and UI cores possess excellent heat dissipation, and there is lots of room
available for lead wires, but self-shielding is poor. UF core, UI core and other “U” cores have two core legs. Coils
can be placed over either or both legs. Using coils on separate legs is great for high voltage isolation between coils.
The mean turn length of two coils on separate legs (sharing the whole winding window) is smaller than 1 coil on one
leg (occupying the whole winding window), hence the two coils connected in series has less winding resistance.
Application of UF core and UI core:
The U series core features wide distributing permeability and can be chosen and matched according to filter's
frequency. As a power ferrite, it is a good choice using in fields of ignitor and energy-saving products. UF core and
UI core may be used as “split-core” current transformers, output transformer core, line transformer core, and
Inverter core. UF core is mainly application with line filters in color TV sets; UI core: Line filters, Inverter
transformers
Dimensions (mm)
Type
A
B
C
Dmin
E
F
I
UF8.5
8.5±0.2
6.4±0.2
3.45±0.15
3.8
2.3
4.15±0.15
UF8.6
8.6±0.2
6.45±0.2
3.6±0.2
4.0
2.2±0.15
4.2±0.2
UF9.8
9.8±0.3
7.1±0.2
2.9±0.2
4.1
2.9±0.2
4.3±0.2
UF9.8A
9.8±0.3
7.1±0.2
2.7±0.2
4.1
2.8
4.25±0.2
UF10.1
10.1±0.3
7.5±0.25
2.9±0.2
3.9
2.95±0.15
4.5±0.25
UF10.5
10.5±0.3
7.8±0.4
5.0±0.2
5.2
2.4±0.2
5.3±0.3
UF10.5A
10.5±0.4
7.8±0.3
5.0±0.2
5.2
2.5
5.25±0.25
UF12
12.0±0.3
9.2±0.3
3.95±0.15
4.1
3.85
5.05±0.15
UF15A
15.0±0.3
11.4±0.3
6.4±0.2
5.4
4.7
6.5±0.2
UF15.7
15.7±0.6
9.7±0.25
6.0±0.3
6.3
4.5±0.2
6.0±0.3
UF16
16.0 +0.4
10.0±0.3
6.0±0.2
6.7
4.6±0.2
6.0±0.3


Número de pieza similar - UF12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
UF120 MICROSEMI-UF120 Datasheet
91Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF120 MICROSEMI-UF120 Datasheet
105Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Digitron Semiconductors
UF120 DIGITRON-UF120 Datasheet
105Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Gulf Semiconductor
UF1200 GULFSEMI-UF1200 Datasheet
126Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
logo
Microsemi Corporation
UF120SM MICROSEMI-UF120SM Datasheet
92Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
More results

Descripción similar - UF12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PREMO CORPORATION S.L
LF1922-752 PREMO-LF1922-752 Datasheet
184Kb / 2P
   Common mode chokes with UI cores
logo
YUXIANG Magnetc materia...
EER25 YUXIANG-EER25 Datasheet
105Kb / 2P
   EER CORES. ETD CORES
logo
Ferroxcube Internationa...
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
   P cores and accessories
PQ26 FERROXCUBE-PQ26 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ32 FERROXCUBE-PQ32 Datasheet
65Kb / 6P
   PQ cores and accessories
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CPH-EFD12-1S-8P-Z FERROXCUBE-CPH-EFD12-1S-8P-Z Datasheet
9Kb / 1P
   EFD cores and accessories
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com