Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FWDM-1629-48 Datasheet(PDF) 5 Page - Finisar Corporation.

No. de pieza FWDM-1629-48
Descripción Electrónicos  DWDM SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FINISAR [Finisar Corporation.]
Página de inicio  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWDM-1629-48 Datasheet(HTML) 5 Page - Finisar Corporation.

  FWDM-1629-48 Datasheet HTML 1Page - Finisar Corporation. FWDM-1629-48 Datasheet HTML 2Page - Finisar Corporation. FWDM-1629-48 Datasheet HTML 3Page - Finisar Corporation. FWDM-1629-48 Datasheet HTML 4Page - Finisar Corporation. FWDM-1629-48 Datasheet HTML 5Page - Finisar Corporation. FWDM-1629-48 Datasheet HTML 6Page - Finisar Corporation. FWDM-1629-48 Datasheet HTML 7Page - Finisar Corporation. FWDM-1629-48 Datasheet HTML 8Page - Finisar Corporation. FWDM-1629-48 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FWDM-1629-XX DWDM SFP Preliminary Product Specification – February 2005
F i n i s a r
© Finisar Corporation
PRELIMINARY and Confidential
Page 5
Rev C, February 2005
IV.
Low Speed Signals
Parameter
Symbol
Min
Typ
Max
Units Notes/Conditions
RX_LOS Assert Level
-42
-36
dBm
RX_LOS Deassert Level
-34
-32
dBm
RX_LOS Hysteresis
0.5
2
dB
RX_LOS Assert Delay
t_loss_on
100
µsec From detection of loss of signal
to assertion of RX_LOS
RX_LOS Negate Delay
t_loss_off
100
µsec From detection of presence of
signal to negation of RX_LOS
TX_DISABLE Assert Time
t_off
10
µsec Rising edge of TX_DISABLE to
fall of output signal below 10%
of nominal
TX_DISABLE Negate Time
t_on
1000
µsec Falling edge of TX_DISABLE
to rise of output signal above
90% of nominal. Time
indicated is under steady-state
temperature conditions.
TX_DISABLE Reset Time
t_reset
10
µsec TX_DISABLE HIGH before
TX_DISABLE set LOW
TX_FAULT Assert
-0.2
+0.2
nm
TX_Fault will assert before the
device is outside of specified
wavelength range


Número de pieza similar - FWDM-1629-48

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Finisar Corporation.
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-49 FINISAR-FWDM-1621-7D-49 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-51 FINISAR-FWDM-1621-7D-51 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-53 FINISAR-FWDM-1621-7D-53 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-55 FINISAR-FWDM-1621-7D-55 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
More results

Descripción similar - FWDM-1629-48

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Finisar Corporation.
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0252-TPD1XGKZRXXG OPLINK-S0252-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
logo
Source Photonics, Inc.
SFPD-MR-08-15-A SOURCE-SFPD-MR-08-15-A Datasheet
542Kb / 8P
   Multirate DWDM SFP Transceiver
logo
Finisar Corporation.
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com