Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AS194N Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza SN74AS194N
Descripción Electrónicos  SN54AS181B SN74AS181A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AS194N Datasheet(HTML) 6 Page - Texas Instruments

  SN74AS194N Datasheet HTML 1Page - Texas Instruments SN74AS194N Datasheet HTML 2Page - Texas Instruments SN74AS194N Datasheet HTML 3Page - Texas Instruments SN74AS194N Datasheet HTML 4Page - Texas Instruments SN74AS194N Datasheet HTML 5Page - Texas Instruments SN74AS194N Datasheet HTML 6Page - Texas Instruments SN74AS194N Datasheet HTML 7Page - Texas Instruments SN74AS194N Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SN54AS194, SN74AS194
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
SDAS212A – DECEMBER 1983 – REVISED DECEMBER 1994
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
(INPUT)
(OUTPUT)
SN54AS194
SN74AS194
MIN
MAX
MIN
MAX
fmax*
75
80
MHz
tPLH
CLK
Any Q
2.5
8
3
7
ns
tPHL
CLK
Any Q
2.5
8
3
7
ns
tPHL
CLR
Any Q
3.5
13
4
12
ns
* On products compliant to MIL-STD-883, Class B, these parameters are based on characterization data, but are not production tested.
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Número de pieza similar - SN74AS194N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AS194 TI1-SN74AS194 Datasheet
537Kb / 17P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
SN74AS194D TI1-SN74AS194D Datasheet
537Kb / 17P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
SN74AS194DR TI1-SN74AS194DR Datasheet
537Kb / 17P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com