Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M-BAO50 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc. |
|
M-BAO50 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc. |
2 / 2 page ©2005 Cooper Bussmann(UK) Ltd • Burton-on-the-Wolds LE12 5TH UK • +44 (0) 1509 882 737 www.cooperbussmann.com PRODUCTS AVAILABLE IN OUR BRAND NEW PACKAGING The Net Trade Price is £3,946 for the recommended stock profile. If you order the full range we will offer you the Point of Sale display Free of Charge. You can otherwise buy the display for £165 Normal Terms and conditions apply SPECIAL SPECIAL OFFER OFFER Our fuseholder range Camaster & Safeloc are also available in single packs: Why not mix and match your Cooper Bussmann Why not mix and match your Cooper Bussmann® “pack of 3” order “pack of 3” order with your Cooper B-Line with your Cooper B-Line® edge clips order? The T edge clips order? The Top 21 Cooper op 21 Cooper B-Line B-Line® edge clips are also available in easy-to-sell packs of 25. edge clips are also available in easy-to-sell packs of 25. Standard Product Terms apply Standard Product Terms apply M-32NNSF 32A Safeloc Fuseholder 1 5 £4.60 F1 EA M-63ENSF 63A Safeloc Fuseholder 1 5 £8.14 F1 EA M-CM20F 20A Camaster Fuseholder 1 5 £7.10 F1 EA M-CM32FC 32A Compact Camaster Fuseholder 1 5 £7.10 F1 EA M-CM32F 32A Camaster Fuseholder 1 5 £10.00 F1 EA M-CM63F 63A Camaster Fuseholder 1 5 £12.17 F1 EA M-CM100F 100A Camaster Fuseholder 1 5 £21.54 F1 EA Part Number Part Description Pack Qty (Nb of fuses) Outer Box Qty (MOQ) Net Trade Price Each from 1st of Nov 2006 Class U O M M-AAO10 10A 550V BS88 Fuse 3 30 £3.51 L1 EA M-AAO16 16A 550V BS88 Fuse 3 30 £3.92 L1 EA M-AAO20 20A 550V BS88 Fuse 3 30 £3.92 L1 EA M-AAO25 25A 550V BS88 Fuse 3 30 £4.05 L1 EA M-AAO32 32A 550V BS88 Fuse 3 30 £4.05 L1 EA M-BAO40 40A 550V BS88 Fuse 3 30 £6.50 L1 EA M-BAO50 50A 550V BS88 Fuse 3 30 £6.50 L1 EA M-BAO63 63A 550V BS88 Fuse 3 30 £6.90 L1 EA M-CD100 100A 550V BS88 Fuse 3 30 £11.60 L1 EA M-CEO80 80A 550V BS88 Fuse 3 30 £10.86 L1 EA M-CEO63 63A 550V BS88 Fuse 3 30 £10.86 L1 EA M-CEO100 100A 550V BS88 Fuse 3 30 £10.86 L1 EA M-NITD2 2A 550V BS88 Fuse 3 30 £2.36 L1 EA M-NITD10 10A 550V BS88 Fuse 3 30 £2.36 L1 EA M-NITD16 16A 550V BS88 Fuse 3 30 £2.36 L1 EA M-NITD20 20A 550V BS88 Fuse 3 30 £2.68 L1 EA M-NITD32 32A 550V BS88 Fuse 3 30 £2.95 L1 EA M-C180-3A 3A BS1362 Fuse 10 100 £0.25 AA EA M-C180-5A 5A BS1362 Fuse 10 100 £0.25 AA EA M-C180-13A 13A BS1362 Fuse 10 100 £0.25 AA EA M-NSD4 4A 550V BS88 Fuse 3 30 £2.30 L1 EA M-NSD6 6A 550V BS88 Fuse 3 30 £2.37 L1 EA M-NSD10 10A 550V BS88 Fuse 3 30 £2.30 L1 EA M-NSD16 16A 550V BS88 Fuse 3 30 £2.30 L1 EA M-NSD20 20A 550V BS88 Fuse 3 30 £2.68 L1 EA M-NSD32 32A 550V BS88 Fuse 3 30 £2.94 L1 EA M-NITD6 6A 550V BS88 Fuse 3 30 £2.42 L1 EA M-STD6 6A 240V BS88 Fuse 3 30 £1.87 L1 EA M-STD10 10A 240V BS88 Fuse 3 30 £1.87 L1 EA |
Número de pieza similar - M-BAO50 |
|
Descripción similar - M-BAO50 |