Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CB31420807 Datasheet(PDF) 7 Page - Cooper Bussmann, Inc.

No. de pieza CB31420807
Descripción Electrónicos  Single Row Terminal Blocks
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COOPER [Cooper Bussmann, Inc.]
Página de inicio  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CB31420807 Datasheet(HTML) 7 Page - Cooper Bussmann, Inc.

Back Button CB31420807 Datasheet HTML 3Page - Cooper Bussmann, Inc. CB31420807 Datasheet HTML 4Page - Cooper Bussmann, Inc. CB31420807 Datasheet HTML 5Page - Cooper Bussmann, Inc. CB31420807 Datasheet HTML 6Page - Cooper Bussmann, Inc. CB31420807 Datasheet HTML 7Page - Cooper Bussmann, Inc. CB31420807 Datasheet HTML 8Page - Cooper Bussmann, Inc. CB31420807 Datasheet HTML 9Page - Cooper Bussmann, Inc. CB31420807 Datasheet HTML 10Page - Cooper Bussmann, Inc. CB31420807 Datasheet HTML 11Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Series A2000 & LP2000
Single Row Terminal Blocks
Part Numbering System
Series
Terminal Style
Base/End
Poles
Screw Options
Options
A2 - standard barrier 01 - handwired
0 - flat base/molded
02 to 32
Blank - std. screw
AB - angle mnt. options (pg 9)
LP2 - low profile
02 - printed circuit
mount end
02 to 30 on mount
00 - screws shipped bulk
A1 to A9 - .250” QC
barrier
03 - non feed-thru
1 - flat base/mnt. end
end base
03 - stainless steel
B1 to B9 - .187” QC
04 - wire wrap tail
2 - flat base/barrier end
04 - brass nickel plated
DR - drilled right angle (pg 9)
05 - extended handwired 3 - insulator base/mnt. end
07 - steel SEMS
JA, JB & JC - barrier jumpers
06 - handwired
4 - insulator base/
(not available
L1 to L6 marking options (pg 22)
07 - extended pin
barrier end
with hardware options)
MP, MP8 & MT mounting plates (pg 9)
08 - printed circuit
5 - closed base/
09 - brass SEMS
OJ2 & OJ4 - over barrier jumpers (not
09 - .250 QC short
mount end
nickel plated
available w/covers)
10 - .187 QC
6 - closed base/
(not available with
RC - retaining clips (pg 9)
14 - printed circuit
molded mount end
hardware options)
R30 to R77 - right angle bends (pg 9)
19 - .250 QC long
9 - insulator base/
CA - captive screw
SO - stand off insulators (pg 9)
molded mount end
03CA - stainless steel captive S1 - solder lug/flat
04CA - brass captive
07CA - SEMS captive
Covers - (pg 23)
09CA - brass SEMS captive
07WR - steel SEMS wire ready
(not available on LP2)
.20
(5.1)
.062
(1.57)
.031
(.79)
.55
(14.0)
.062
(1.57)
.031
(.79)
01
Handwired
04
Wire Wrap Tail
03
Non Feed-Thru
02
Printed Circuit
.82
(20.8)
.062
(1.57 )
.031
(.79)
07
Extended Pin
.11
(2.79)
.031
(.79)
.30
(7.6)
06
Handwired
Terminal Styles
Inches (Millimeters)
.062
(1.57)
.17
(4.3)
.031
(.79)
.42
(10.7)
.187
(4.75)
.031
(.79)
.40
(10.2)
.250
(6.35)
.031
(.79)
08
Printed Circuit
10
.187 QC
09
.250 QC short
.72
(18.3)
.31
(7.9)
.41
(10.4)
.33
(8.4)
.250
(6.35)
.031
(.79)
19
.250 QC long
.062
(1.57)
.031
(.79)
.125
(3.2)
14
Printed Circuit
A 2
L P 2
Base/End Note: 0, 6,
9 styles not available
with covers. 5 & 6
Styles only available
with 03 terminals.
.66
(16.8)
.110
(2.79)
.031
(.79)
05
Extended Handwired
.55
(14.0)
.110
(2.79)
031
.79)
7


Número de pieza similar - CB31420807

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Amphenol Corporation
CB3100N-18-1SNB AMPHENOL-CB3100N-18-1SNB Datasheet
2Mb / 54P
   Inhaltsverzeichnis
logo
Nihon Kaiheiki Industry...
CB315FP NKK-CB315FP Datasheet
159Kb / 4P
   6mm Process Sealed SMT Tactiles
CB315FP-R NKK-CB315FP-R Datasheet
159Kb / 4P
   6mm Process Sealed SMT Tactiles
More results

Descripción similar - CB31420807

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
A207403R46 ETC2-A207403R46 Datasheet
2Mb / 6P
   Terminal Blocks - Single Row
logo
Eaton All Rights Reserv...
CB0 EATON-CB0 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
A2000 EATON-A2000 Datasheet
1Mb / 6P
   Single Row Terminal Blocks
LP2 EATON-LP2 Datasheet
819Kb / 7P
   Single Row Terminal Blocks
CB11 EATON-CB11 Datasheet
363Kb / 3P
   Single Row Terminal Blocks
logo
Cooper Bussmann, Inc.
BB1 COOPER-BB1 Datasheet
105Kb / 1P
   Single Row Terminal Blocks Continued
TB100-08 COOPER-TB100-08 Datasheet
470Kb / 10P
   Double Row Terminal Blocks
TB100-10 COOPER-TB100-10 Datasheet
112Kb / 2P
   Double Row Terminal Blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com