Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4006 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza 1N4006
Descripción Electrónicos  VOLTAGE 50V ~ 1000V 1.0 AMP Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

1N4006 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  1N4006 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 1N4006 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
1N4001 THRU 1N4007
VOLTAGE 50V ~ 1000V
1.0 AMP Silicon Rectifiers
RATING AND CHARACTERISTIC CURVES ( 1N4001 THRU 1N4007 )
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
.1
1.0
10
100
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100 120 140
.01
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
Tj=100 C
Tj=25 C
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.2
0
0.4
0.6
0.8
1.0
1.2
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
0.1
1.0
.01
10
50
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.6
.7
.8
.9
1.0
1.1
1.2
1.3
3.0
Tj=25 C
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
35
30
25
20
15
10
5
0
.01
.05
.1
.5
1
5
10
50
100
6
0
12
18
24
30
NUMBER OF CYCLES AT 60Hz
110
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
20
40
60
80
100
120
140
160
180
200
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
AMBIENT TEMPERATURE,( C)
FIG.1-TYPICAL FORWARD
01-Jun-2002 Rev. A
Page 2 of 2


Número de pieza similar - 1N4006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
1N4006 PANJIT-1N4006 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
1N4006 PANJIT-1N4006 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
First Components Intern...
1N4006 FCI-1N4006 Datasheet
56Kb / 1P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
Shanghai Shunye Electro...
1N4006 SHUNYE-1N4006 Datasheet
312Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Bytesonic Electronics C...
1N4006 BYTESONIC-1N4006 Datasheet
264Kb / 2P
   1.0 AMP SILICON RECTIFIERS
More results

Descripción similar - 1N4006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
1N4001G SECOS-1N4001G Datasheet
144Kb / 2P
   VOLTAGE 50V ~ 1000V 1.0 AMP Glass Passivated Silicon Rectifiers
1N5400 SECOS-1N5400 Datasheet
258Kb / 2P
   VOLTAGE 50V ~ 1000V 3.0 AMP Silicon Rectifiers
1N5391 SECOS-1N5391 Datasheet
232Kb / 2P
   VOLTAGE 50V ~ 1000V 1.5 AMP Silicon Rectifiers
TB151S SECOS-TB151S Datasheet
94Kb / 1P
   Voltage 50V ~ 1000V 1.5 Amp Silicon Bridge Rectifiers
TB2S SECOS-TB2S Datasheet
263Kb / 2P
   Voltage 200V ~ 1000V 1.0 Amp Silicon Bridge Rectifiers
KBP2005G SECOS-KBP2005G Datasheet
157Kb / 2P
   VOLTAGE 50V ~ 1000V 2 AMP Bridge Rectifiers
KBP1005G SECOS-KBP1005G Datasheet
207Kb / 2P
   VOLTAGE 50V ~ 1000V 1.5 AMP Bridge Rectifiers
RL201G SECOS-RL201G Datasheet
221Kb / 2P
   Voltage 50V ~ 1000V 2.0 Amp Glass Passivated Rectifiers
RS1505 SECOS-RS1505 Datasheet
95Kb / 2P
   VOLTAGE 50V ~ 1000V 15.0 AMP Single Phase Bridge Rectifiers
RS801G SECOS-RS801G Datasheet
101Kb / 2P
   VOLTAGE 50V ~ 1000V 8.0 AMP Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com