Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74BCT8374ADWE4 Datasheet(PDF) 9 Page - Texas Instruments |
|
SN74BCT8374ADWE4 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 26 page SN54BCT8374A, SN74BCT8374A SCAN TEST DEVICES WITH OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS SCBS045E – JUNE 1990 – REVISED JULY 1996 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 data register description boundary-scan register The boundary-scan register (BSR) is 18 bits long. It contains one boundary-scan cell (BSC) for each normal-function input pin and one BSC for each normal-function output pin. The BSR is used to 1) store test data that is to be applied internally to the inputs of the normal on-chip logic and/or externally to the device output terminals, and/or 2) to capture data that appears internally at the outputs of the normal on-chip logic and/or externally at the device input terminals. The source of data to be captured into the BSR during Capture-DR is determined by the current instruction. The contents of the BSR may change during Run-Test/Idle as determined by the current instruction. The contents of the BSR are not changed in Test-Logic-Reset. The BSR order of scan is from TDI through bits 17–0 to TDO. Table 1 shows the BSR bits and their associated device pin signals. Table 1. Boundary-Scan Register Configuration BSR BIT NUMBER DEVICE SIGNAL BSR BIT NUMBER DEVICE SIGNAL BSR BIT NUMBER DEVICE SIGNAL 17 CLK 15 1D 7 1Q 16 OE 14 2D 6 2Q – – 13 3D 5 3Q – – 12 4D 4 4Q – – 11 5D 3 5Q – – 10 6D 2 6Q – – 9 7D 1 7Q – – 8 8D 0 8Q boundary-control register The boundary-control register (BCR) is two bits long. The BCR is used in the context of the RUNT instruction to implement additional test operations not included in the basic SCOPE ™ instruction set. Such operations include PRPG and PSA. Table 3 shows the test operations that are decoded by the BCR. During Capture-DR, the contents of the BCR are not changed. At power up or in Test-Logic-Reset, the BCR is reset to the binary value 10, which selects the PSA test operation. The BCR order of scan is shown in Figure 3. Bit 1 (MSB) TDO TDI Bit 0 (LSB) Figure 3. Boundary-Control Register Order of Scan |
Número de pieza similar - SN74BCT8374ADWE4 |
|
Descripción similar - SN74BCT8374ADWE4 |