Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC114TSA Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
TC114TSA Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
1 / 2 page DTC114TE/DTC114TUA/DTC114TKA DTC114TCA/TC114TSA NP N Digital Transistors (Built-in Resistors) FEATURES * Built-in bias resistors enable the configuration of an inverter circuit without connecting input resistors * Only the on/off confitions need to be set for operation, making device design easy. * The bias resistors consis of thin-film resistors with compete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. Elektronische Bauelemente http://www.SeCoSGmbH.com Any changing of specification will not be informed individua l 01-Jun-2002 Rev. A Page 1 of 2 PIN CONNENCTIONS AND MARKING (1) Emitter (2) Collector (3) Base (1) Base (2) Emitter (3) Collector (1) Base (2) Emitter (3) Collector (1) Base (2) Emitter (3) Collector (1) Base (2) Emitter (3) Collector (1) Base (2) Emitter (3) Collector (1) Base (2) Emitter (3) Collector (1) Base (2) Emitter (3) Collector Abbreviated symbol: 04 Abbreviated symbol:04 Abbreviated symbol: 04 Abbreviated symbol: 04 SOT-523 SOT-23-3L SOT-23 SOT-323 TO-92S DTC114TE DTC114TUA DTA114ECA DTC114TCA DTC114TKA DTC114TSA |
Número de pieza similar - TC114TSA |
|
Descripción similar - TC114TSA |