Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC114WSA Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
TC114WSA Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
1 / 2 page DTC114WE/DTC114WUA/DTC114WKA DTC114WCA/TC114WSA NPN Digital Transistors (Built-in Resistors) FEATURES * Built-in bias resistors enable the configuration of an inverter circuit without connecting input resistors * Only the on/off confitions need to be set for operation, making device design easy. * The bias resistors consis of thin-film resistors with compete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. Elektronische Bauelemente http://www.SeCoSGmbH.com Any changing of specification will not be informed individua l 01-Jun-2002 Rev. A Page 1 of 2 PIN CONNENCTIONS AND MARKING (see equivalent circuit). SOT-523 SOT-323 SOT-23 TO-92S SOT-23 SOT-23-3L DTC114WE DTC114WUA DTA114ECA DTC114WCA DTC114WKA DTC114WSA Abbreviated symbol: 84 Abbreviated symbol: 84 Abbreviated symbol: 84 Abbreviated symbol: 84 |
Número de pieza similar - TC114WSA |
|
Descripción similar - TC114WSA |