Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FWM-4W33SCSB4 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

No. de pieza FWM-4W33SCSB4
Descripción Electrónicos  Band Multi-Channel Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JDSU [JDS Uniphase Corporation]
Página de inicio  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FWM-4W33SCSB4 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  FWM-4W33SCSB4 Datasheet HTML 1Page - JDS Uniphase Corporation FWM-4W33SCSB4 Datasheet HTML 2Page - JDS Uniphase Corporation FWM-4W33SCSB4 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
BAND MULTI-CHANNEL MODULES
Specifications
Parameter
Specification
Wavelength range
C Band 1528 nm to 1565 nm
Passband width
1533±3.5 nm, 1541±1.5 nm, 1549±1.5 nm, 1557±3.5 nm
Insertion loss1 (any channel)
Maximum
2.0 dB
Insertion loss1 (end to end)
Maximum
4.0 dB
Isolation2 (adjacent channel)
Minimum
35 dB
Directivity
Minimum
45 dB
Return loss
Minimum
45 dB
Polarization dependent loss
Maximum
0.25 dB
Polarization mode dispersion
Maximum
0.1 ps
Optical power handling
Maximum
1 W
Operating temperature range
-5 to 75 °C
Storage temperature range
-40 to 85 °C
Package dimensions (W x D x H)
CS cassette
6.86” x 5.07” x 1.38”
LGX cassette
6.36” x 5.10” x 1.15”
1. Losses include one connector.
2. Isolation values stated are for demultiplexers or the receive side of the East/West modules only.
East/West Configuration
West
East
1533 nm Tx
1533 nm Rx
Bidirectional
1541 nm Rx
1541 nm Tx
1549 nm Rx
1549 nm Rx
1557 nm Rx
1557 nm Rx
Mux/Demux Configuration
Mux
Demux
1533 nm Tx
1533 nm Rx
Unidirectional
1541 nm Rx
1541 nm Tx
1549 nm Rx
1549 nm Tx
1557 nm Tx
1557 nm Rx


Número de pieza similar - FWM-4W33SCSB4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
JDS Uniphase Corporatio...
FWM-T40D1F09 JDSU-FWM-T40D1F09 Datasheet
126Kb / 3P
   Multi-Channel CWDM Mux/Demux 20 nm Spacing
FWM-T40D1F16 JDSU-FWM-T40D1F16 Datasheet
126Kb / 3P
   Multi-Channel CWDM Mux/Demux 20 nm Spacing
FWM-T40D1F20 JDSU-FWM-T40D1F20 Datasheet
126Kb / 3P
   Multi-Channel CWDM Mux/Demux 20 nm Spacing
FWM-T40D1F30 JDSU-FWM-T40D1F30 Datasheet
126Kb / 3P
   Multi-Channel CWDM Mux/Demux 20 nm Spacing
FWM-T40D1LGX JDSU-FWM-T40D1LGX Datasheet
126Kb / 3P
   Multi-Channel CWDM Mux/Demux 20 nm Spacing
More results

Descripción similar - FWM-4W33SCSB4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Radiometrix Ltd
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
logo
u-blox AG
SARA-N3 U-BLOX-SARA-N3 Datasheet
212Kb / 2P
   Multi-band NB-IoT modules
logo
Radiometrix Ltd
LMT0 RADIOMETRIX-LMT0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMR0 RADIOMETRIX-LMR0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
logo
List of Unclassifed Man...
LMT2 ETC2-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT1 RADIOMETRIX-LMT1_14 Datasheet
426Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT1 RADIOMETRIX-LMT1 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com