Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC846 Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

No. de pieza BC846
Descripción Electrónicos  NPN Silicon Epitaxial Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Página de inicio  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BC846 Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  BC846 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BC846 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BC846 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dated : 21/06/2006
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
STATIC CHARACTERISTIC
VCE(V),COLLECTOR-EMITTER VOLTAGE
0
0.4
0.6
0.8
1.2
0.1
100
BASE-EMITTER ON VOLTAGE
110
10
DC CURRENT GAIN
BASE-EMITTER SATURATION VOLTAGE
COLLECTOR-EMITTER SATURATION VOLTAGE
1
10
0.2
20
0
I C(mA),COLLECTOR CURRENT
1000
100
1000
I B=350 A
I B=300 A
I B=250 A
I B=50 A
I B=200 A
I B=150 A
I B=100 A
I B=400 A
VCE=2V
I C=10IB
VBE(sat)
VCE(sat)
40
60
80
100
4
8
12
16
20
1.0
VBE(V),BASE-EMITTER VOLTAGE
100
VCE=5V
VCE=5V
I C(mA),COLLECTOR CURRENT
0.1
1
1
10
100
10
100
CURRENT GAIN BANDWIDTH PRODUCT
I C(mA),COLLECTOR CURRENT
1
10
10
100
1000
100
1000
COLLECTOR OUTPUT CAPACITANCE
VCB(V),COLLECTOR-BASE VOLTAGE
110
1
10
f=1MHz
100
1000
10000
1000
10000
100
0.1
BC846 … BC850


Número de pieza similar - BC846

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC846 NXP-BC846 Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
BC846 PHILIPS-BC846 Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Rectron Semiconductor
BC846 RECTRON-BC846 Datasheet
450Kb / 6P
   Ideally suited for automatic insertion
logo
Diodes Incorporated
BC846 DIODES-BC846 Datasheet
277Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 21 - 2
logo
ON Semiconductor
BC846 ONSEMI-BC846 Datasheet
111Kb / 13P
   General Purpose Transistors
April, 2015 ??Rev. 12
More results

Descripción similar - BC846

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com