Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMA4738 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza SMA4738
Descripción Electrónicos  1.0 Watts Surface Mount Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMA4738 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SMA4738 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMA4738 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMA4738 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMA4738 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
+12
+10
+8.0
+6.0
+4.0
+2.0
0
-2.0
-4.0
2
3
4
5 6
7
8
9 10 11 12
100
70
50
30
20
10
7.0
5.0
3.0
2.0
1.0
10
20
30
50
70
100
1.25
0.75
0.5
0.25
1.0
0
0 20 40 60 80 100 120 140 160 180 200
175
150
125
100
75
50
25
0
20mA
+6
+4
+2
0
-0.2
-0.4
3
4
5
6
7
8
FIG 1. POWER TEMPERATURE DERATING CURVE
FIG 2. TEMPERATURE COFFICIENTS
(-55
oC TO +150oC TEMPERATURE RANGE; 90%OF THE UNITS ARE IN RANGES INDICATED.)
FIG 3. TYPICAL THERMAL RESISTANCE
VERSUS LEAD LENGTH
FIG 4. EFFECT OF ZENER CURRENT
VZ, ZENER VOLTAGE (VOLTS)
VZ, ZENER VOLTAGE (VOLTS)
VZ, ZENER VOLTAGE (VOLTS)
TL, LEAD TEMPERATIRE
L, LEAD LENGTH TO HEAT SINK (INCKES)
NOTE: BELOW 3 VOLTS AND ABOVE 8
CHANGES IN ZENER CURRENT
DO AFFECT TRMPERATURE
0.01mA
1.0mA
Vz@IZT
TA = 25
oC
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
RANGE
VZ@IZT
RANGE
VZ@IZT
L = LEAD LENTGH TO
HEAT SINK
Elektronische Bauelemente
SMA4735 THRU SMA4764
VOLTAGE 6.2V ~ 100V
1.0 Watts Surface Mount Zener Diode
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
05-Nov-2007 Rev. C
Page 3 of 4


Número de pieza similar - SMA4738

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SMA4738 SECOS-SMA4738 Datasheet
332Kb / 3P
   1.0 Watts Surface Mount Zener Diode
logo
Shanghai Leiditech Elec...
SMA4738A LEIDITECH-SMA4738A Datasheet
966Kb / 3P
   Surface Mount Silicon Zener Diodes
logo
Yangzhou yangjie electr...
SMA4738A YANGJIE-SMA4738A Datasheet
194Kb / 3P
   Zener Diodes
logo
AiT Semiconductor Inc.
SMA4738A AITSEMI-SMA4738A Datasheet
313Kb / 6P
   ZENER DIODE 1W WIDE ZENER VOLTAGE 3.3V TO 330V
REV1.1
logo
Formosa MS
SMA4738A FORMOSA-SMA4738A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
More results

Descripción similar - SMA4738

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SMA47XX SECOS-SMA47XX_15 Datasheet
193Kb / 3P
   1.0 Watts Surface Mount Zener Diode
SMA47XX SECOS-SMA47XX Datasheet
332Kb / 3P
   1.0 Watts Surface Mount Zener Diode
ZTS270X SECOS-ZTS270X Datasheet
240Kb / 2P
   1.0 Watts Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
1SMA4741 TSC-1SMA4741_1 Datasheet
339Kb / 4P
   1.0 Watts Surface Mount Silicon Zener Diode
logo
SUNMATE electronic Co.,...
PTZ3.6B SUNMATE-PTZ3.6B Datasheet
299Kb / 2P
   1.0 Watts Surface Mount Silicon Zener Diodes
logo
SeCoS Halbleitertechnol...
SMB3EZXXD5 SECOS-SMB3EZXXD5 Datasheet
265Kb / 4P
   3.0 Watts Surface Mount Zener Diode
3EZXXXD5 SECOS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
SMB5921 SECOS-SMB5921 Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
SEC Electronics Inc.
3EZXXXD5 SECELECTRONICS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com