Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB26CKW01-F Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

No. de pieza LB26CKW01-F
Descripción Electrónicos  Standard Size Pushbuttons
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Página de inicio  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB26CKW01-F Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  LB26CKW01-F Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LB26CKW01-F Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LB26CKW01-F Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LB26CKW01-F Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LB26CKW01-F Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LB26CKW01-F Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. LB26CKW01-F Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. LB26CKW01-F Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. LB26CKW01-F Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Standard Size Snap-in Pushbuttons
Series LB
(3.5)
.138
(6.5)
.256
(13.2) Sq
.520
(19.0) Dia
.748
(4.5)
.177
(5.5)
.217
(19.4)
.764
(13.2)
.520
(5.0)
.197
(6.0)
.236
Housing Colors Available:
SHAPES & PANEL CUTOUTS
CONTACT MATERIALS, RATINGS & TERMINALS
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Switch/Lamp Schematics
Pole
Model
Normal
Down
Normal
Down
Note: Switch is marked with NC, NO, COM, L+, L–.
SP
LB15
*LB16
ON
ON
(ON)
ON
1-3
1-2
SPDT
DP
LB25
*LB26
ON
ON
(ON)
ON
1-3 4-6
1-2 4-5
DPDT
S .622” (15.8mm)
Square
Silver Contacts
Gold Contacts
W01
G01
R
* When in latchdown position for the alternate circuit, cap position is .039” (1.0mm) above the built-in bezel.
POLES & CIRCUITS
C .854” (21.7mm)
Round
.622” x .866” (15.8mm x 22.0mm)
Rectangular
HOUSING
K
Power Level
3A @ 125V AC & 250V AC
Logic Level
0.4VA max. @ 28V AC/DC max.
Solder Lug/Quick Connect
(16.2) Sq
.638
(22.0) Dia
.866
(11.5)
.453
(1.5) R
.059
(22.4)
.882
(16.2)
.638
Cutout for 1 switch:
.638” x .638” (16.2mm x 16.2mm)
Cutout for 1 switch with barriers:
.638” x .815” (16.2mm x 20.7mm)
Cutout for 1 switch:
.638” x .882” (16.2mm x 22.4mm)
Cutout for 1 switch with barriers:
.638” x 1.059” (16.2mm x 26.9mm)
Panel Thickness for Switches & Barriers: .039” ~ .157” (1.0 ~ 4.0mm)
Panel Thickness for Protective Guards & Splash Covers: .039” ~ .138” (1.0 ~ 3.5mm)
Black
Gray
G
Epoxy
Seal
(2.0)
.079
(2.8)
.110
(1.2)
.047
Thk = (0.5)
.020
(7.5)
.295
Complete explanation of operating range in Supplement section.
1
3
2
COM
NO
NC
4
6
1
3
2
5
COM
COM
NC
NC
NO
NO
CAPS & CAP COLORS
Cap Colors Available:
AT484
Square
Material: Polycarbonate
Finish: Glossy
AT4017
Round
AT4030
Rectangular
A
C
F
G
E
B
H
Color Codes:
A Black
B White
C Red
E Yellow
F Green
G Blue
H Gray


Número de pieza similar - LB26CKW01-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nihon Kaiheiki Industry...
LB26CKW01-FJ NKK-LB26CKW01-FJ Datasheet
697Kb / 20P
   General Specifications
More results

Descripción similar - LB26CKW01-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nihon Kaiheiki Industry...
LB15SKW01-05-BJ NKK-LB15SKW01-05-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB15SKW01-5C12-JC ETC2-LB15SKW01-5C12-JC Datasheet
933Kb / 12P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15SKW01 NKK-LB15SKW01 Datasheet
2Mb / 20P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB16WKW01-5C12-JC ETC2-LB16WKW01-5C12-JC Datasheet
608Kb / 9P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15WKW01-BJ NKK-LB15WKW01-BJ Datasheet
237Kb / 6P
   Standard Size Panel Seal Pushbuttons
logo
GREATECS
LB15SKW01-12-CJ GREATECS-LB15SKW01-12-CJ Datasheet
460Kb / 10P
   Standard Size Snap-in Pushbuttons
logo
List of Unclassifed Man...
ABD-100 ETC2-ABD-100 Datasheet
2Mb / 30P
   TWTD Series Full Size NEMA Pushbuttons
logo
IDEC Corporation
ABD311NUR IDEC-ABD311NUR Datasheet
2Mb / 30P
   New TWND Series — Full Size NEMA Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com