Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDK1303BEMQ80 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

No. de pieza CDK1303BEMQ80
Descripción Electrónicos  8-bit, 1 GSPS, Flash A/D Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CADEKA [Cadeka Microcircuits LLC.]
Página de inicio  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1303BEMQ80 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  CDK1303BEMQ80 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK1303BEMQ80 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK1303BEMQ80 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1303BEMQ80 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1303BEMQ80 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1303BEMQ80 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1303BEMQ80 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1303BEMQ80 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1303BEMQ80 Datasheet HTML 9Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
5
Data Sheet
Electrical Characteristics
(TJ = TC = TA = +25°C , VEE = -5.2V, VRB = -2.0V, VRM = -1.0V, VRT = 0.00V, ƒCLK = 1GHz, Duty Cycle=50%,
unless otherwise specified)
cDK1303a
cDK1303B
symbol
parameter
conditions
Min
typ
Max
Min
typ
Max
units
Dynamic Inputs
Input High Voltage(1)
CLK, CLK
-1.1
-0.7
-1.1
-0.7
V
Input Low Voltage(1)
CLK, CLK
-1.8
-1.5
-1.8
-1.5
V
tPWH
Clock Pulse Width High(1)
0.5
0.4
0.5
0.4
ns
tPWL
Clock Pulse Width Low(1)
0.5
0.4
0.5
0.4
ns
Digital Outputs
Logic 1 Voltage(1)
-1.1
-0.9
-1.1
-0.9
V
Logic 0 Voltage(1)
-1.8
-1.5
-1.8
-1.5
V
Rise Time
20% to 80%
450
450
ps
Fall Time
20% to 80%
450
450
ps
Power Supply Requirements
VEE
Voltage Range(2)
-4.95
-5.2
-5.45
-4.95
-5.2
-5.45
V
IEE
Current(1)
VIN = 0V
1.05
1.2
1.05
1.2
A
Power Dissipation(1)
5.5
6.25
5.5
6.25
W
notes:
1. 100% production tested at +25°C.
2. Parameter is guaranteed (but not tested) by design and characterization data.
3. Typical Thermal Impedance:
θJC = +4°C/W.


Número de pieza similar - CDK1303BEMQ80

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cadeka Microcircuits LL...
CDK1300 CADEKA-CDK1300 Datasheet
2Mb / 12P
   8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1300ITQ44 CADEKA-CDK1300ITQ44 Datasheet
2Mb / 12P
   8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1300ITQ44_Q CADEKA-CDK1300ITQ44_Q Datasheet
2Mb / 12P
   8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1301 CADEKA-CDK1301 Datasheet
2Mb / 12P
   8-bit, 250 MSPS A/D Converter with Demuxed Outputs REV 1A
CDK1301ITQ44 CADEKA-CDK1301ITQ44 Datasheet
2Mb / 12P
   8-bit, 250 MSPS A/D Converter with Demuxed Outputs REV 1A
More results

Descripción similar - CDK1303BEMQ80

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SPT7760 ETC-SPT7760 Datasheet
98Kb / 8P
   8-BIT, 1 GSPS FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7760 CADEKA-SPT7760 Datasheet
282Kb / 8P
   8-BIT, 1 GSPS, FLASH A/D CONVERTER
logo
Fairchild Semiconductor
SPT7610 FAIRCHILD-SPT7610 Datasheet
97Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7610 CADEKA-SPT7610 Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
logo
National Semiconductor ...
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000_15 Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
National Semiconductor ...
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com