Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STBDW42 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

No. de pieza STBDW42
Descripción Electrónicos  NPN Silicon Planar Darlington Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Página de inicio  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

STBDW42 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  STBDW42 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. STBDW42 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. STBDW42 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 22/03/2006
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST BDW42
Characteristics at TC = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at VCE = 4 V, IC = 5 A
at VCE = 4 V, IC = 10 A
hFE
hFE
1000
250
-
-
-
-
Collector Emitter Sustaining Voltage
at IC = 30 mA
VCEO(sus)
100
-
V
Collector Cutoff Current
at VCE = 50 V
at VCE = 100 V
ICEO
ICEO
-
-
2
1
mA
mA
Emitter Cutoff Current
at VEB = 5 V
IEBO
-
2
mA
Collector Emitter Saturation Voltage
at IC = 5 A, IB = 10 mA
at IC = 10 A, IB = 50 mA
VCE(sat)
VCE(sat)
-
-
2
3
V
V
Base Emitter on Voltage
at IC = 10 A, VCE = 4 V
VBE(on)
-
3
V
Second Breakdown Collector Current
With Base Forward Biased
1)
at VCE = 28.4 V
at VCE = 40 V
IS/b
3
1.2
A
A
Current Gain Bandwidth Product
at VCE = 3 V, IC = 3 A, f = 1 MHz
fT
4
-
MHz
Output Capacitance
at VCB = 10 V, f = 0.1 MHz
Cob
-
200
pF
1)
Pulse Test non repetitive: Pulse Width = 250 ms


Número de pieza similar - STBDW42

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SEMTECH ELECTRONICS LTD...
STBDW47 SEMTECH_ELEC-STBDW47 Datasheet
230Kb / 3P
   PNP Silicon Planar Darlington Power Transistor
More results

Descripción similar - STBDW42

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BD875 SIEMENS-BD875 Datasheet
211Kb / 8P
   NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Zetex Semiconductors
BCV27 ZETEX-BCV27 Datasheet
49Kb / 1P
   NPN SILICON PLANAR DARLINGTON TRANSISTORS
FMMTA12 ZETEX-FMMTA12 Datasheet
46Kb / 1P
   NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Diodes Incorporated
ZTX602 DIODES-ZTX602 Datasheet
85Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
Zetex Semiconductors
2N6724 ZETEX-2N6724 Datasheet
27Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
BCX38A ZETEX-BCX38A Datasheet
61Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
Diodes Incorporated
2N67245 DIODES-2N67245 Datasheet
41Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
ZTX600 DIODES-ZTX600_15 Datasheet
80Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
ZTX604 DIODES-ZTX604_15 Datasheet
83Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
List of Unclassifed Man...
BCX38CSTZ ETC2-BCX38CSTZ Datasheet
96Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com