Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDK1304CTQ32 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

No. de pieza CDK1304CTQ32
Descripción Electrónicos  10-bit, 25 MSPS 135mW A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CADEKA [Cadeka Microcircuits LLC.]
Página de inicio  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1304CTQ32 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  CDK1304CTQ32 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK1304CTQ32 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK1304CTQ32 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1304CTQ32 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1304CTQ32 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1304CTQ32 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1304CTQ32 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1304CTQ32 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1304CTQ32 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
5
Data Sheet
Electrical Characteristics
(TA = TMin to TMax, AVDD = DVDD = OVDD = +5V, VIN = 0 to 4V, ƒclk = 25 MSPS, VRHS = 4V, VRLS = 0V; unless otherwise noted)
symbol
parameter
conditions
Min
typ
Max
units
SFDR
Spurious Free Dynamic Range
ƒIN = 1MHz
63
pspp
Differential Phase
±0.3
deg
Differential Gain
±0.3
%
Digital Inputs
Logic “1“ Voltage(1)
2.0
V
Logic “0“ Voltage(1)
0.8
V
Maximum Input Current Low(1)
-10
+10
μA
Maximum Input Current High(1)
-10
+10
μA
Input Capacitance
+5
pF
Digital Outputs
Logic “1“ Voltage(1)
IOH = 0.5mA
3.5
V
Logic “0“ Voltage(1)
IOL = 1.6mA
0.4
V
TR
Rise Time
15pF load
10
ns
TF
Fall Time
15pF load
10
ns
Output Enable to Data Output Delay
20pF load, TA = 25°C
10
ns
50pF load over temp
22
ns
Power Supply Requirements
OVDD
Digital Voltage Supply(2)
3.0
5.0
V
DVDD
4.75
5.0
5.25
V
AVDD
4.75
5.0
5.25
V
AIDD
Digital Voltage Current(1)
16
20
mA
DIDD
11
15
mA
Power Dissipation(1)
135
175
mW
notes:
1. 100% production tested at +25°C.
2. Parameter is guaranteed (but not tested) by design and characterization data.


Número de pieza similar - CDK1304CTQ32

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cadeka Microcircuits LL...
CDK1300 CADEKA-CDK1300 Datasheet
2Mb / 12P
   8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1300ITQ44 CADEKA-CDK1300ITQ44 Datasheet
2Mb / 12P
   8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1300ITQ44_Q CADEKA-CDK1300ITQ44_Q Datasheet
2Mb / 12P
   8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1301 CADEKA-CDK1301 Datasheet
2Mb / 12P
   8-bit, 250 MSPS A/D Converter with Demuxed Outputs REV 1A
CDK1301ITQ44 CADEKA-CDK1301ITQ44 Datasheet
2Mb / 12P
   8-bit, 250 MSPS A/D Converter with Demuxed Outputs REV 1A
More results

Descripción similar - CDK1304CTQ32

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cadeka Microcircuits LL...
SPT7855 CADEKA-SPT7855 Datasheet
179Kb / 11P
   10-BIT, 25 MSPS, 135 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7855 FAIRCHILD-SPT7855 Datasheet
86Kb / 11P
   10-BIT, 25 MSPS, 135 mW A/D CONVERTER
logo
Analog Devices
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
logo
Intersil Corporation
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304 INTERSIL-HI3304_02 Datasheet
289Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
   10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
   10-Bit, 40 MSPS A/D Converter
February 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com