Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDK1308DILP40 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

No. de pieza CDK1308DILP40
Descripción Electrónicos  Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CADEKA [Cadeka Microcircuits LLC.]
Página de inicio  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1308DILP40 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  CDK1308DILP40 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK1308DILP40 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK1308DILP40 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1308DILP40 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1308DILP40 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1308DILP40 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1308DILP40 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1308DILP40 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1308DILP40 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
5
ADVANCE Data Sheet
Electrical Characteristics
(AVDD = 1.8V, DVDD = 1.8V, DVDDCLK = 1.8V, OVDD = 2.5V, 20/40/65/80MSPS clock, 50% clock duty cycle,
-1dBFS 8MHz input signal, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DC Accuracy
No Missing Codes
Guaranteed
Offset Error
Midscale offset
TBD
mV
Gain Error
Full scale range deviation from typical
-6
6
%FS
DNL
Differential Non-Linearity
-0.3
0.3
LSB
INL
Integral Non-Linearity
-0.6
0.6
LSB
VCMO
Common Mode Voltage Output
VAVDD/2
V
Analog Input
VCMI
Input Common Mode
Analog input common mode voltage
VCM -0.1
VCM +0.1
V
VFSR
Full Scale Range
Differential input voltage range
2.0
Vpp
Input Capacitance
Differential input capacitance
1.8
pF
Bandwidth
Input bandwidth, full power
500
MHz
Power Supply
AVDD,
DVDD
Core Supply Voltage
Supply voltage to all 1.8V domain pins.
See Pin Configuration and Description
1.7
1.8
2.0
V
OVDD
I/O Supply Voltage
Output driver supply voltage (OVDD).
Must be higher than or equal to Core Supply
Voltage (VOVDD ≥ VOCVDD)
1.7
2.5
3.6
V


Número de pieza similar - CDK1308DILP40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Exar Corporation
CDK1308DILP40 EXAR-CDK1308DILP40 Datasheet
947Kb / 14P
   Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
More results

Descripción similar - CDK1308DILP40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cadeka Microcircuits LL...
CDK1308 CADEKA-CDK1308_09 Datasheet
1Mb / 14P
   Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
logo
Exar Corporation
CDK1308 EXAR-CDK1308 Datasheet
947Kb / 14P
   Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK1307 EXAR-CDK1307 Datasheet
957Kb / 15P
   Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
logo
Cadeka Microcircuits LL...
CDK1307 CADEKA-CDK1307 Datasheet
1Mb / 15P
   Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
logo
Exar Corporation
CDK2308 EXAR-CDK2308 Datasheet
896Kb / 15P
   Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
logo
Cadeka Microcircuits LL...
CDK2308 CADEKA-CDK2308_09 Datasheet
1,009Kb / 15P
   Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
CDK2308 CADEKA-CDK2308 Datasheet
1Mb / 14P
   Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
CDK1307 CADEKA-CDK1307_09 Datasheet
2Mb / 15P
   Ultra Low Power, 10/20/40/65/80/100MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
logo
Exar Corporation
CDK2307 EXAR-CDK2307 Datasheet
908Kb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
logo
Cadeka Microcircuits LL...
CDK2307_2B CADEKA-CDK2307_2B Datasheet
1Mb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com