Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3V9HS Datasheet(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

No. de pieza 3V9HS
Descripción Electrónicos  SILICON PLANAR ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Página de inicio  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

3V9HS Datasheet(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  3V9HS Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 3V9HS Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 3V9HS Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 3V9HS Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. 3V9HS Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Dated : 07/05/2006
HS Series
Characteristics at Ta = 25 OC
Zener Voltage
Dynamic Resistance
Reverse Leakage Current (IR at VR)
Type
Min. (V)
Max. (V)
lZT (mA)
Ohm at lZT
lZT (mA)
IR (µA) Max.
VR (V)
15HS
13.48
15.02
15HSA
13.48
14.09
15HSB
13.95
14.56
15HSC
14.42
15.02
5
25
5
0.2
11
16HS
14.87
16.5
16HSA
14.87
15.5
16HSB
15.33
15.96
16HSC
15.79
16.5
5
25
5
0.2
12
18HS
16.34
18.30
18HSA
16.34
17.06
18HSB
16.9
17.67
18HSC
17.51
18.3
5
30
5
0.2
13
20HS
18.14
20.45
20HSA
18.14
18.96
20HSB
18.8
19.68
20HSC
19.52
20.45
5
30
5
0.2
15
22HS
20.23
22.61
22HSA
20.23
21.08
22HSB
20.76
21.65
22HSC
21.22
22.09
22HSD
21.68
22.61
5
30
5
0.2
17
24HS
22.26
24.81
24HSA
22.26
23.12
24HSB
22.75
23.73
24HSC
23.29
24.27
24HSD
23.81
24.81
5
35
5
0.2
19
27HS
24.26
27.64
27HSA
24.26
25.52
27HSB
24.97
26.26
27HSC
25.63
26.95
27HSD
26.29
27.64
5
45
5
0.2
21
30HS
26.99
30.51
30HSA
26.99
28.39
30HSB
27.7
29.13
30HSC
28.36
29.82
30HSD
29.02
30.51
5
55
5
0.2
23
1) Tested with pulse tp = 20 ms
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.


Número de pieza similar - 3V9HS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SEMTECH ELECTRONICS LTD...
3V9HC SEMTECH_ELEC-3V9HC Datasheet
250Kb / 4P
   SILICON PLANAR ZENER DIODES
3V9HCA SEMTECH_ELEC-3V9HCA Datasheet
250Kb / 4P
   SILICON PLANAR ZENER DIODES
3V9HCB SEMTECH_ELEC-3V9HCB Datasheet
250Kb / 4P
   SILICON PLANAR ZENER DIODES
More results

Descripción similar - 3V9HS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com