Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMBJ160A Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

No. de pieza SMBJ160A
Descripción Electrónicos  TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Página de inicio  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SMBJ160A Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  SMBJ160A Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SMBJ160A Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. SMBJ160A Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 11/11/2008 FD
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SMBJ Series
Electrical Characteristics (Ta = 25 OC unless otherwise specified)
Breakdown Voltage
1)
Uni-directional /
Bi-directional
Type
3)
Stand-off
Voltage
VWM (V)
VBR (V)
Min. at IT
VBR (V)
Max. at IT
Test
Current
IT (mA)
Maximum
Clamping
Voltage
VC (V) at IPPM
Maximum
Peak Pulse
Current
IPPM (A)
Maximum
Reverse
Leakage
2)
ID (μA) at VWM
SMBJ5.0 / C
5
6.4
7.3
10
9.6
65
800
SMBJ5.0A / CA
5
6.4
7
10
9.2
68
800
SMBJ6.0 / C
6
6.67
8.15
10
11.4
55
800
SMBJ6.0A / CA
6
6.67
7.37
10
10.3
61
800
SMBJ6.5 / C
6.5
7.22
8.82
10
12.3
51
500
SMBJ6.5A / CA
6.5
7.22
7.98
10
11.2
56
500
SMBJ7.0 / C
7
7.78
9.51
10
13.3
47
200
SMBJ7.0A / CA
7
7.78
8.6
10
12
52
200
SMBJ7.5 / C
7.5
8.33
10.3
1
14.3
44
100
SMBJ7.5A / CA
7.5
8.33
9.21
1
12.9
48
100
SMBJ8.0 / C
8
8.89
10.9
1
15
42
50
SMBJ8.0A / CA
8
8.89
9.83
1
13.6
46
50
SMBJ8.5 / C
8.5
9.44
11.5
1
15.9
39
20
SMBJ8.5A / CA
8.5
9.44
10.4
1
14.4
43
20
SMBJ9.0 / C
9
10
12.2
1
16.9
37
10
SMBJ9.0A / CA
9
10
11.1
1
15.4
40
10
SMBJ10 / C
10
11.1
13.6
1
18.8
33
5
SMBJ10A / CA
10
11.1
12.3
1
17
37
5
SMBJ11 / C
11
12.2
14.9
1
20.1
31
5
SMBJ11A / CA
11
12.2
13.5
1
18.2
34
5
SMBJ12 / C
12
13.3
16.3
1
22
28
5
SMBJ12A / CA
12
13.3
14.7
1
19.9
31
5
SMBJ13 / C
13
14.4
17.6
1
23.8
26
5
SMBJ13A / CA
13
14.4
15.9
1
21.5
29
5
SMBJ14 / C
14
15.6
19.1
1
25.8
24.4
5
SMBJ14A / CA
14
15.6
17.2
1
23.2
27
5
SMBJ15 / C
15
16.7
20.4
1
26.9
23.1
5
SMBJ15A / CA
15
16.7
18.5
1
24.4
25.1
5
SMBJ16 / C
16
17.8
21.8
1
28.8
21.8
5
SMBJ16A / CA
16
17.8
19.7
1
26
24.2
5
SMBJ17 / C
17
18.9
23.1
1
30.5
20
5
SMBJ17A / CA
17
18.9
20.9
1
27.6
22.8
5
SMBJ18 / C
18
20
24.4
1
32.2
19.5
5
SMBJ18A / CA
18
20
22.1
1
29.2
21.5
5
SMBJ20 / C
20
22.2
27.1
1
35.8
17.6
5
SMBJ20A / CA
20
22.2
24.5
1
32.4
19.4
5
SMBJ22 / C
22
24.4
29.8
1
39.4
15
5
SMBJ22A / CA
22
24.4
26.9
1
35.5
17.7
5
SMBJ24 / C
24
26.7
32.6
1
43
14.6
5
SMBJ24A / CA
24
26.7
29.5
1
38.9
16
5
SMBJ26 / C
26
28.9
35.3
1
46.6
13.5
5
SMBJ26A / CA
26
28.9
31.9
1
42.1
14.9
5
SMBJ28 / C
28
31.1
38
1
50
12.6
5
SMBJ28A / CA
28
31.1
34.4
1
45.4
13.8
5
SMBJ30 / C
30
33.3
40.7
1
53.5
11.7
5
SMBJ30A / CA
30
33.3
36.8
1
48.4
13
5
SMBJ33 / C
33
36.7
44.9
1
59
10.6
5
SMBJ33A / CA
33
36.7
40.6
1
53.3
11.8
5


Número de pieza similar - SMBJ160A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SMBJ160A MCC-SMBJ160A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
SeCoS Halbleitertechnol...
SMBJ160A SECOS-SMBJ160A Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
logo
Jinan Gude Electronic D...
SMBJ160A JGD-SMBJ160A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
SMBJ160A DIGITRON-SMBJ160A Datasheet
188Kb / 4P
   SURFACE MOUNT 600W TVS
logo
Formosa MS
SMBJ160A FORMOSA-SMBJ160A Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
More results

Descripción similar - SMBJ160A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com