Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST78L07 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

No. de pieza ST78L07
Descripción Electrónicos  3-Terminal positive voltage regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Página de inicio  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST78L07 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ST78L07 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST78L07 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 07/12/2002
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 78L07
3-Terminal positive voltage regulator
7V
• Suitable for TTL, DTL, HTL, C-MOS, Power Supply
• Internal Short-Circuit Current Limiting
• Internal Thermal Overload Protection
• Maximum Output Current of 150mA(Tj=25oC)
•Available in the Plastic TO-92 Package
TO-92 Plastic Package
Weight approx. 0.19g
Absolute Maximum Ratings (Ta = 25
oC)
Symbol
Rating
Unit
Input Voltage
VIN
35
V
Power Dissipation
Ptot
800
mW
Operating Temperature
Topr
-30~75
°C
Storage Temperature Range
Ts
-55~150
°C


Número de pieza similar - ST78L07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SEMTECH ELECTRONICS LTD...
ST78L05 SEMTECH_ELEC-ST78L05 Datasheet
201Kb / 2P
   3-Terminal positive voltage regulator
ST78L05U SEMTECH_ELEC-ST78L05U Datasheet
189Kb / 2P
   3-Terminal Positive Voltage Regulator
ST78L06 SEMTECH_ELEC-ST78L06 Datasheet
130Kb / 2P
   3-Terminal positive voltage regulator
ST78L06U SEMTECH_ELEC-ST78L06U Datasheet
190Kb / 2P
   3-Terminal Positive Voltage Regulator
ST78L08 SEMTECH_ELEC-ST78L08 Datasheet
131Kb / 2P
   3-Terminal positive voltage regulator
More results

Descripción similar - ST78L07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com