Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF4006S Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

No. de pieza UF4006S
Descripción Electrónicos  ULTRA FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Página de inicio  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

UF4006S Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  UF4006S Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. UF4006S Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 30/01/2008
C
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
UF4001S THRU UF4007S
ULTRA FAST RECTIFIERS
Voltage Range - 50 to 1000 V
Forward Current - 1 A
Features
• Ultra fast switching for high efficiency
• Low reverse leakage
• High forward surge current capability
Mechanical data
• Case: A-405 molded plastic body
• Terminals: Plated axial leads, solderable per MIL-STD-750
Method 2026
• Polarity: Color band denotes cathode end
• Mounting position: any
Absolute Maximum Ratings and Electrical characteristics (Ta = 25 OC)
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Parameter
Symbols UF4001S UF4002S UF4003S UF4004S UF4005S UF4006S UF4007S Units
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current 0.375"(9.5mm)
Lead Length at TA = 55
OC
I(AV)
1
A
Peak Forward Surge Current 8.3 ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
IFSM
30
A
Maximum Forward Voltage at 1 A
VF
1
1.7
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TA = 25
OC
TA = 100
OC
IR
5
50
µA
Maximum Reverse Recovery Time
1)
trr
50
75
ns
Typical Junction Capacitance
2)
CJ
15
pF
Typical Thermal Resistance
3)
RθJA
50
OC/W
Operating and Storage Temperature Range
TJ, TS
- 65 to + 150
OC
1) Reverse recovery condition I
F = 0.5 A, IR = 1 A, Irr = 0.25 A.
2) Measured at 1 MHz and applied reverse voltage of 4 V D.C.
3) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, P.C.B. mounted.
A-405
1.0 (25.4)
Dimensions in inches and (millimeters)
MIN.
DIA.
0.025 (0.65)
0.021 (0.55)
DIA.
0.107 (2.7)
0.080 (2.3)
0.205 (5.2)
0.166 (4.2)
1.0 (25.4)
MIN.


Número de pieza similar - UF4006S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
UF4006 WTE-UF4006 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
Nanjing International G...
UF4006 DGNJDZ-UF4006 Datasheet
139Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
EIC discrete Semiconduc...
UF4006 EIC-UF4006 Datasheet
52Kb / 2P
   UTRAFAST EFFICIENT RECTIFIER DIODES
logo
Won-Top Electronics
UF4006 WTE-UF4006 Datasheet
56Kb / 4P
   1.0A ULTRAFAST DIODE
logo
DONGGUAN YOU FENG WEI E...
UF4006 YFWDIODE-UF4006 Datasheet
426Kb / 3P
   High Efficiency Silicon Rectifiers
More results

Descripción similar - UF4006S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N6620 MICROSEMI-1N6620 Datasheet
99Kb / 2P
   ULTRA FAST RECTIFIERS
1N6626 MICROSEMI-1N6626 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
UF4001 HY-UF4001 Datasheet
35Kb / 2P
   ULTRA FAST RECTIFIERS
UF5001 HY-UF5001 Datasheet
40Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Compact Technology Corp...
UF2001 CTC-UF2001 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
MUR805 LUGUANG-MUR805 Datasheet
170Kb / 2P
   Ultra Fast Rectifiers
logo
Guangdong Juxing Electr...
HER601 JUXING-HER601 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
Compact Technology Corp...
UF1501 CTC-UF1501_15 Datasheet
56Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
HER101 JUXING-HER101 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
New Jersey Semi-Conduct...
1N6620 NJSEMI-1N6620 Datasheet
100Kb / 1P
   ULTRA FAST RECTIFIERS
logo
Diode Semiconductor Kor...
MUR1605C DSK-MUR1605C Datasheet
343Kb / 2P
   ULTRA FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com