Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4937 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

No. de pieza 1N4937
Descripción Electrónicos  FAST SWITCHING PLASTIC RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Página de inicio  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N4937 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1N4937 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 29/10/2003
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
1N4933 THRU 1N4937
FAST SWITCHING PLASTIC RECTIFIERS
Reverse Voltage – 50 to 600 Volts
Forward Current – 1.0 Ampere
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• Fast switching for high efficiency
• Construction utilizes void-free molded plastic technique
• 1.0 ampere operation at TA = 75℃ with no thermal
runaway
• High temperature soldering guaranteed:
250℃/10 seconds, 0.375” (9.5mm) lead length,
5 lbs. (2.3kg) tension
• Case : Molded plastic, DO-41
Absolute Maximum Ratings and Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Symbols
1N4933
1N4934
1N4935
1N4936
1N4937
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
Volts
Maximum DC blocking voltage
VCD
50
100
200
400
600
Volts
Maximum average forward rectified current
0.375” ( 9.5mm) lead length at TA = 75
OC
I(AV)
1
Amp
Peak forward surge current
8.3mS single half sine-wave superimposed
on rated load (MIL-STD-750D 4066 method)
at TA = 75
OC
IFSM
30
Amps
Maximum instantaneous forward voltage at 1A
VF
1.2
Volts
Maximum DC reverse current
at rated DC blocking voltage
TA = 25
OC
TA = 100
OC
IR
5
100
µA
Maximum reverse recovery time (Note 1) Tj = 25
OC
Trr
200
nS
Typical junction capacitance (Note 2)
CJ
15
pF
Typical thermal resistance (Note 3)
RΘJA
RΘJL
55
25
OC/W
Operating junction and storage temperature range
TJ ,TS
-50 to +150
OC
Notes:
(1) Reverse recovery test conditions: IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0MHZ and applied reverse voltage of 4.0 volts.
(3) Thermal resistance from junction to ambient and from junction to lead at 0.375” ( 9.5mm) lead length,
(4) P.C.B.mounted.
DO-41


Número de pieza similar - 1N4937

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
1N4937 MOTOROLA-1N4937 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Gaomi Xinghe Electronic...
1N4937 GXELECTRONICS-1N4937 Datasheet
325Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
1N4937 PANJIT-1N4937 Datasheet
40Kb / 2P
   FAST RECOVERY PLASTIC RECTIFIER
logo
HY ELECTRONIC CORP.
1N4937 HY-1N4937 Datasheet
827Kb / 3P
   Fast Recovery Recitifiers
logo
Weitron Technology
1N4937 WEITRON-1N4937 Datasheet
1Mb / 3P
   Axial Lead Fast Recovery Rectifier REVERSE VOLTAGE 50-600 VOLTS FORWARD CURRENT 1.0 AMPERE
More results

Descripción similar - 1N4937

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SEMTECH ELECTRONICS LTD...
FR151 SEMTECH_ELEC-FR151 Datasheet
212Kb / 1P
   FAST SWITCHING PLASTIC RECTIFIERS
logo
Leshan Radio Company
BA158G LRC-BA158G_15 Datasheet
199Kb / 7P
   Fast Switching Plastic Rectifiers
BA159 LRC-BA159_15 Datasheet
352Kb / 3P
   Fast Switching Plastic Rectifiers
BA157 LRC-BA157_15 Datasheet
200Kb / 7P
   Fast Switching Plastic Rectifiers
BA157G LRC-BA157G_15 Datasheet
199Kb / 7P
   Fast Switching Plastic Rectifiers
BA159D LRC-BA159D_15 Datasheet
200Kb / 7P
   Fast Switching Plastic Rectifiers
BA159DG LRC-BA159DG_15 Datasheet
199Kb / 7P
   Fast Switching Plastic Rectifiers
BA158 LRC-BA158_15 Datasheet
200Kb / 7P
   Fast Switching Plastic Rectifiers
logo
Continental Device Indi...
BA157 CDIL-BA157 Datasheet
312Kb / 5P
   FAST SWITCHING PLASTIC RECTIFIERS
logo
Leshan Radio Company
BA159G LRC-BA159G_15 Datasheet
198Kb / 3P
   Fast Switching Plastic Rectifiers
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com