Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM5053-43L Datasheet(PDF) 3 Page - Stealth Microwave, Inc.

No. de pieza SM5053-43L
Descripción Electrónicos  5000-5300 MHz 20 Watt Ultra-Linear Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Página de inicio  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM5053-43L Datasheet(HTML) 3 Page - Stealth Microwave, Inc.

  SM5053-43L Datasheet HTML 1Page - Stealth Microwave, Inc. SM5053-43L Datasheet HTML 2Page - Stealth Microwave, Inc. SM5053-43L Datasheet HTML 3Page - Stealth Microwave, Inc. SM5053-43L Datasheet HTML 4Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM5053-43L
5000-5300 MHz
20 Watt Ultra-Linear Power Amplifier
Pin
Description
Values
RF INPUT
Input Connector ( SMA Female )
- 7 dBm (max.)
RF OUTPUT
Output Connector (SMA Female)
+ 43 dBm @ P1dB (min.)
RF SAMPLE
RF Sample Port (SMA Female )
30 dBr
GND
Ground Turret
---
FWD
Forward Power Detector
+ 39 dBm Output Power
≈ + 5.0 Volts
REV
Reverse Power Detector
∞ VSWR @ + 39 dBm ≈ + 4.0 Volts
+12VDC
DC Input Voltage
+ 12 Volts @ 9.2 Amperes. (operational)
ON/OFF
TTL Logic On/Off
0 Volts = Off, + 5 Volts = On
CNTL
TTL Pulse Control
Rates up to 100 kHz
Specifications subject to change without notice.


Número de pieza similar - SM5053-43L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM5050A NPC-SM5050A Datasheet
76Kb / 8P
   Single-output Clock Generator IC
SM5050AV NPC-SM5050AV Datasheet
76Kb / 8P
   Single-output Clock Generator IC
logo
Diotec Semiconductor
SM5059 DIOTEC-SM5059 Datasheet
163Kb / 2P
   Surface Mount Si-Rectifiers
SM5059 DIOTEC-SM5059 Datasheet
110Kb / 2P
   Surface Mount Si-Rectifiers
logo
Semikron International
SM5059 SEMIKRON-SM5059 Datasheet
107Kb / 2P
   Standard silicon rectifier diodes
More results

Descripción similar - SM5053-43L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Stealth Microwave, Inc.
SM4450-43L STEALTH_MICROWAVE-SM4450-43L Datasheet
223Kb / 5P
   4400-5000 MHz 20 Watt Ultra-Linear Power Amplifier
SM4450-41L STEALTH_MICROWAVE-SM4450-41L Datasheet
149Kb / 3P
   4400-5000 MHz 12 Watt Ultra-Linear Power Amplifier
SM4450-43 STEALTH_MICROWAVE-SM4450-43 Datasheet
250Kb / 2P
   4400-5000 MHz X Watt Linear Power Amplifier
SM4450-37HS STEALTH_MICROWAVE-SM4450-37HS Datasheet
93Kb / 3P
   4400 - 5000 MHz 5 Watt Linear Power Amplifier
SM4450-37S STEALTH_MICROWAVE-SM4450-37S Datasheet
93Kb / 3P
   4400 - 5000 MHz 5 Watt Linear Power Amplifier
SM6471-43 STEALTH_MICROWAVE-SM6471-43 Datasheet
246Kb / 3P
   6400-7100 MHz 20 Watt Ultra-Linear Power Amplifier
SM7175-43 STEALTH_MICROWAVE-SM7175-43 Datasheet
136Kb / 2P
   7100-7500 MHz 20 Watt Ultra-Linear Power Amplifier
SM09296-43 STEALTH_MICROWAVE-SM09296-43 Datasheet
97Kb / 2P
   925-960 MHz 20 Watt Linear Power Amplifier
SM7985-43 STEALTH_MICROWAVE-SM7985-43 Datasheet
121Kb / 2P
   7900-8500 MHz 20 Watt Linear Power Amplifier
SM3437-43L STEALTH_MICROWAVE-SM3437-43L Datasheet
149Kb / 2P
   3400-3700 MHz 20 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com