Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM06927-36H Datasheet(PDF) 2 Page - Stealth Microwave, Inc.

No. de pieza SM06927-36H
Descripción Electrónicos  690-2700 MHz 4 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Página de inicio  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM06927-36H Datasheet(HTML) 2 Page - Stealth Microwave, Inc.

  SM06927-36H Datasheet HTML 1Page - Stealth Microwave, Inc. SM06927-36H Datasheet HTML 2Page - Stealth Microwave, Inc. SM06927-36H Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM06927-36H
690-2700 MHz
4 Watt Linear Power Amplifier
FOR LAB & WIDEBAND APPLICATIONS
DIMENSIONS IN INCHES
GND
RF INPUT
INCORPORATED
ON/OFF
+12VDC
RF OUTPUT
Made in USA
DIMENSIONS WITH HEATSINK
+12VDC
RF INPUT
GND
ON/OFF
INCORPORATED
RF OUTPUT
Made in USA


Número de pieza similar - SM06927-36H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SUNMATE electronic Co.,...
SM06 SUNMATE-SM06 Datasheet
404Kb / 3P
   POSITIVE THERMAL COEFFICIENT(PTC)
SM06-030 SUNMATE-SM06-030 Datasheet
404Kb / 3P
   POSITIVE THERMAL COEFFICIENT(PTC)
SM06-050 SUNMATE-SM06-050 Datasheet
404Kb / 3P
   POSITIVE THERMAL COEFFICIENT(PTC)
SM06-075 SUNMATE-SM06-075 Datasheet
404Kb / 3P
   POSITIVE THERMAL COEFFICIENT(PTC)
SM06-090 SUNMATE-SM06-090 Datasheet
404Kb / 3P
   POSITIVE THERMAL COEFFICIENT(PTC)
More results

Descripción similar - SM06927-36H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Stealth Microwave, Inc.
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
SM2527-50 STEALTH_MICROWAVE-SM2527-50 Datasheet
145Kb / 2P
   2500-2700 MHz 100 Watt Linear Power Amplifier
SM2527-47 STEALTH_MICROWAVE-SM2527-47 Datasheet
122Kb / 3P
   2500-2700 MHz 50 Watt Linear Power Amplifier
SM1727-34HSQ STEALTH_MICROWAVE-SM1727-34HSQ Datasheet
96Kb / 2P
   1700-2700 MHz 3 Watt Linear Power Amplifier
SM1727-37SQ STEALTH_MICROWAVE-SM1727-37SQ Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM2527-50L STEALTH_MICROWAVE-SM2527-50L Datasheet
113Kb / 2P
   2500-2700 MHz 100 Watt Linear Power Amplifier
SM2527-37HS STEALTH_MICROWAVE-SM2527-37HS Datasheet
66Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM2527-47L STEALTH_MICROWAVE-SM2527-47L Datasheet
150Kb / 4P
   2500-2700 MHz 50 Watt Linear Power Amplifier
SM1727-34HS STEALTH_MICROWAVE-SM1727-34HS Datasheet
93Kb / 3P
   1700-2700 MHz 3 Watt Linear Power Amplifier
SM1727-37HS STEALTH_MICROWAVE-SM1727-37HS Datasheet
93Kb / 3P
   1700-2700 MHz 5 Watt Linear Power Amplifier
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com