Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM08790-47 Datasheet(PDF) 2 Page - Stealth Microwave, Inc.

No. de pieza SM08790-47
Descripción Electrónicos  869-900 MHz 50 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Página de inicio  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM08790-47 Datasheet(HTML) 2 Page - Stealth Microwave, Inc.

  SM08790-47 Datasheet HTML 1Page - Stealth Microwave, Inc. SM08790-47 Datasheet HTML 2Page - Stealth Microwave, Inc. SM08790-47 Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM08790-47
869-900 MHz
50 Watt Linear Power Amplifier
FOR GSM APPLICATIONS
DIMENSIONS IN INCHES
RF INPUT
Made in USA
INCORPORATED
RF OUTPUT
FWD
TEMP
+12VDC
ON/OFF
GND
HEATSINK OPTION


Número de pieza similar - SM08790-47

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Stealth Microwave, Inc.
SM08790-47L STEALTH_MICROWAVE-SM08790-47L Datasheet
123Kb / 2P
   870-900MHz 50 Watt Linear Power Amplifier
SM08790-47LDL STEALTH_MICROWAVE-SM08790-47LDL Datasheet
114Kb / 2P
   869-896 MHz 50 Watt Linear Power Amplifier
More results

Descripción similar - SM08790-47

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Stealth Microwave, Inc.
SM08790-47LDL STEALTH_MICROWAVE-SM08790-47LDL Datasheet
114Kb / 2P
   869-896 MHz 50 Watt Linear Power Amplifier
SM08790-45LDL STEALTH_MICROWAVE-SM08790-45LDL Datasheet
160Kb / 2P
   869-896 MHz 30 Watt Linear Power Amplifier
SM08590-45LD STEALTH_MICROWAVE-SM08590-45LD Datasheet
221Kb / 3P
   850-900 MHz 30 Watt Linear Power Amplifier
SM2527-47L STEALTH_MICROWAVE-SM2527-47L Datasheet
150Kb / 4P
   2500-2700 MHz 50 Watt Linear Power Amplifier
SM3436-47 STEALTH_MICROWAVE-SM3436-47 Datasheet
214Kb / 2P
   3400-3600 MHz 50 Watt Linear Power Amplifier
SM09296-47 STEALTH_MICROWAVE-SM09296-47 Datasheet
107Kb / 2P
   925-960 MHz 50 Watt Linear Power Amplifier
SM0929647-LDL STEALTH_MICROWAVE-SM0929647-LDL Datasheet
161Kb / 2P
   925-960 MHz 50 Watt Linear Power Amplifier
SM2325-47 STEALTH_MICROWAVE-SM2325-47 Datasheet
95Kb / 2P
   2300-2500 MHz 50 Watt Linear Power Amplifier
SM2527-47 STEALTH_MICROWAVE-SM2527-47 Datasheet
122Kb / 3P
   2500-2700 MHz 50 Watt Linear Power Amplifier
SM09296-47L STEALTH_MICROWAVE-SM09296-47L Datasheet
69Kb / 2P
   925-960 MHz 50 Watt Linear Power Amplifier
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com