Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

C-13-155-F-SLC7-G5 Datasheet(PDF) 3 Page - Source Photonics, Inc.

No. de pieza C-13-155-F-SLC7-G5
Descripción Electrónicos  155 Mbps Single Mode SFF LC Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SOURCE [Source Photonics, Inc.]
Página de inicio  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-155-F-SLC7-G5 Datasheet(HTML) 3 Page - Source Photonics, Inc.

  C-13-155-F-SLC7-G5 Datasheet HTML 1Page - Source Photonics, Inc. C-13-155-F-SLC7-G5 Datasheet HTML 2Page - Source Photonics, Inc. C-13-155-F-SLC7-G5 Datasheet HTML 3Page - Source Photonics, Inc. C-13-155-F-SLC7-G5 Datasheet HTML 4Page - Source Photonics, Inc. C-13-155-F-SLC7-G5 Datasheet HTML 5Page - Source Photonics, Inc. C-13-155-F-SLC7-G5 Datasheet HTML 6Page - Source Photonics, Inc. C-13-155-F-SLC7-G5 Datasheet HTML 7Page - Source Photonics, Inc. C-13-155-F-SLC7-G5 Datasheet HTML 8Page - Source Photonics, Inc. C-13-155-F-SLC7-G5 Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
155 Mbps Single Mode SFF LC Transceiver
C-13-155(C)-F-SLCX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS598-Feb0606
Rev A.2
LUMINENTOIC.COM
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Sensitivity1
-
-
-
-30
dBm
C-13-155(C)-F-SLC
Sensitivity1
-
-
-
-34
dBm
C-13-155(C)-F-SLC3
Sensitivity1
-
-
-
-35
dBm
C-13-155(C)-F-SLC5
Sensitivity1
-
-
-
-36
dBm
C-13-155(C)-F-SLC7
Sensitivity1
-
-
-
-37
dBm
C-13-155(C)-F-SLC9
Maximum Input Power
Pin
-7
-
-
dBm
C-13-155(C)-F-SLC/C-13-155(C)-F-SLC3
Maximum Input Power
Pin
-3
-
-
dBm
C-13-155(C)-F-SLC5/C-13-155(C)-F-SLC7
Maximum Input Power
Pin
0
-
-
dBm
C-13-155(C)-F-SLC9
Signal Detect-Asserted
Pa
-
-
-30
dBm
C-13-155(C)-F-SLC
Measured on transition: low to high
Signal Detect-Asserted
Pa
-
-
-34
dBm
C-13-155(C)-F-SLC3
Measured on transition: low to high
Signal Detect-Asserted
Pa
-
-
-35
dbm
C-13-155(C)-F-SLC5
Measured on transition: low to high
Signal Detect-Asserted
Pa
-
-
-36
dbm
C-13-155(C)-F-SLC7
Measured on transition: low to high
Signal Detect-Asserted
Pa
-
-
-37
dbm
C-13-155(C)-F-SLC9
Measured on transition: low to high
Signal Detect-Deasserted
Pd
-48
-
-
dBm
Measured on transition: high to low
Signal Detect-Hysteresis
1
-
4
dB
Wavelength of Operation
1100
-
1600
nm
Note1: Measured with 223-1 PRBS/BER=10-10
Receiver Specifications
Parameter
Symbol
Min
Typical
Max
Unit
Note
Electrical
Power Supply Current
ICC
-
-
100
mA
The current excludes the output load cur-
rent
Data Output Voltage-Low
VOL -Vcc
-2.0
-
-1.58
V
These outputs are compatible with 10K,
10KH and 100KECL and LVPECL outputs
Data Output Voltage-High
VOH- Vcc
-1.1
-
-0.74
V
Signal Detect Output Voltage-Low
VSDL -Vcc
-2.0
-1.58
V
LVPECL, C-13-155-F-SLCX
Signal Detect Output Voltage-High VSDH- Vcc
-1.1
-0.74
V
Signal Detect Output Voltage-Low
VSDL-Vcc
-
-
0.5
V
LVTTL, C-13-155C-F-SLCX
Signal Detect Output Voltage-High
VSDH- Vcc
2.0
-
-
V
Receiver Specifications


Número de pieza similar - C-13-155-F-SLC7-G5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Source Photonics, Inc.
C-13-155-F-SLC3A-12 SOURCE-C-13-155-F-SLC3A-12 Datasheet
758Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3A-12-G5 SOURCE-C-13-155-F-SLC3A-12-G5 Datasheet
758Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3A-55-G5 SOURCE-C-13-155-F-SLC3A-55-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3A-G5 SOURCE-C-13-155-F-SLC3A-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3AS-55-G5 SOURCE-C-13-155-F-SLC3AS-55-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
More results

Descripción similar - C-13-155-F-SLC7-G5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Source Photonics, Inc.
C-13-155-F-SLC3S-19 SOURCE-C-13-155-F-SLC3S-19 Datasheet
720Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3A-12 SOURCE-C-13-155-F-SLC3A-12 Datasheet
758Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-127-155-FDFB-SLC5 SOURCE-C-127-155-FDFB-SLC5 Datasheet
674Kb / 8P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLCA-55-G5 SOURCE-C-13-155-F-SLCA-55-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-FDFB-SLC8A-G5 SOURCE-C-13-155-FDFB-SLC8A-G5 Datasheet
272Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8 SOURCE-C-15-155-FDFB-SLC8 Datasheet
880Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-3380W-CXX0G OPTOWAY-TRSL-3380W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33100W-CXX0G OPTOWAY-TRSL-33100W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33120W-CXX0G OPTOWAY-TRSL-33120W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com