Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ALB16245DGG Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza SN74ALB16245DGG
Descripción Electrónicos  3.3-V ALB 16-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74ALB16245DGG Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALB16245DGG Datasheet HTML 1Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 2Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 3Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 4Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 5Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 6Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN74ALB16245
3.3-V ALB 16-BIT TRANSCEIVER
WITH 3-STATE OUTPUTS
SCBS678B – SEPTEMBER 1996 – REVISED JULY 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
™ Family
D State-of-the-Art Advanced Low-Voltage
BiCMOS (ALB) Technology Design for 3.3-V
Operation
D Schottky Diodes on All Inputs to Eliminate
Overshoot and Undershoot
D Industry Standard ’16245 Pinout
D Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
D Flow-Through Architecture Optimizes PCB
Layout
D Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) and Thin Shrink
Small-Outline (DGG) Packages
description
The SN74ALB16245 is a 16-bit transceiver
designed for high-speed, low-voltage (3.3-V) VCC
operation. This device is intended to replace the
conventional transceiver in any speed-critical
path. The small propagation delay is achieved
using a unity gain amplifier on the input and
feedback resistors from input to output, which
allows the output to track the input with a small
offset voltage.
This device can be used as two 8-bit transceivers or one 16-bit transceiver. It allows data transmission from the
A bus to the B bus or from the B bus to the A bus, depending on the logic level at the direction-control (DIR)
input. The output-enable (OE) input can be used to disable the device so that the buses are effectively isolated.
The SN74ALB16245 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each 8-bit section)
INPUTS
OPERATION
OE
DIR
OPERATION
L
L
B data to A bus
L
H
A data to B bus
H
X
Isolation
DGG OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1DIR
1B1
1B2
GND
1B3
1B4
VCC
1B5
1B6
GND
1B7
1B8
2B1
2B2
GND
2B3
2B4
VCC
2B5
2B6
GND
2B7
2B8
2DIR
1OE
1A1
1A2
GND
1A3
1A4
VCC
1A5
1A6
GND
1A7
1A8
2A1
2A2
GND
2A3
2A4
VCC
2A5
2A6
GND
2A7
2A8
2OE
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Widebus is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Número de pieza similar - SN74ALB16245DGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALB16245DGGR TI-SN74ALB16245DGGR Datasheet
363Kb / 13P
[Old version datasheet]   3.3-V ALB 16-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74ALB16245DGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALB16245 TI-SN74ALB16245_08 Datasheet
363Kb / 13P
[Old version datasheet]   3.3-V ALB 16-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH182512-EP TI1-SN74LVTH182512-EP Datasheet
311Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16952-EP TI1-SN74LVTH16952-EP Datasheet
311Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16646-EP TI1-SN74LVTH16646-EP Datasheet
334Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH162245-EP TI1-SN74LVTH162245-EP Datasheet
348Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16245A-Q1 TI1-SN74LVTH16245A-Q1 Datasheet
158Kb / 9P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16245A-EP TI1-SN74LVTH16245A-EP Datasheet
644Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16543-EP TI1-SN74LVTH16543-EP Datasheet
304Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com