Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ALS280D Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza SN74ALS280D
Descripción Electrónicos  9-BIT PARITY GENERATORS/CHECKERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS280D Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ALS280D Datasheet HTML 3Page - Texas Instruments SN74ALS280D Datasheet HTML 4Page - Texas Instruments SN74ALS280D Datasheet HTML 5Page - Texas Instruments SN74ALS280D Datasheet HTML 6Page - Texas Instruments SN74ALS280D Datasheet HTML 7Page - Texas Instruments SN74ALS280D Datasheet HTML 8Page - Texas Instruments SN74ALS280D Datasheet HTML 9Page - Texas Instruments SN74ALS280D Datasheet HTML 10Page - Texas Instruments SN74ALS280D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74ALS280D
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALS280DE4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALS280DR
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALS280DRE4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALS280N
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74ALS280N3
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN74AS280D
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AS280DE4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AS280DR
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AS280DRE4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AS280N
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74AS280N3
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN74AS280NSR
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AS280NSRE4
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
PACKAGE OPTION ADDENDUM
www.ti.com
8-Aug-2005
Addendum-Page 1


Número de pieza similar - SN74ALS280D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALS280D TI-SN74ALS280D Datasheet
487Kb / 14P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKETS
SN74ALS280DE4 TI-SN74ALS280DE4 Datasheet
487Kb / 14P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKETS
SN74ALS280DG4 TI-SN74ALS280DG4 Datasheet
487Kb / 14P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKETS
SN74ALS280DR TI-SN74ALS280DR Datasheet
487Kb / 14P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKETS
SN74ALS280DRE4 TI-SN74ALS280DRE4 Datasheet
487Kb / 14P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKETS
More results

Descripción similar - SN74ALS280D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
   9-Bit Parity Generators/Checkers
logo
Aeroflex Circuit Techno...
UT54ACS280 AEROFLEX-UT54ACS280 Datasheet
258Kb / 10P
   9-Bit Parity Generators/Checkers
logo
Texas Instruments
SN54F280B TI-SN54F280B Datasheet
77Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
74ACT11280 TI1-74ACT11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN54F280B TI1-SN54F280B_12 Datasheet
409Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN74180J TI1-SN74180J Datasheet
331Kb / 8P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
SN54HC280 TI-SN54HC280 Datasheet
89Kb / 4P
[Old version datasheet]   9 BIT ODD /EVEN PARITY GENERATORS/CHECKERS
SN54LS280 TI-SN54LS280_08 Datasheet
899Kb / 24P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
SN54LS280 TI-SN54LS280 Datasheet
227Kb / 6P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
logo
Motorola, Inc
SN54LS280 MOTOROLA-SN54LS280 Datasheet
164Kb / 4P
   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com