Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ALS679 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza SN74ALS679
Descripción Electrónicos  12-BIT ADDRESS COMPARATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS679 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALS679 Datasheet HTML 1Page - Texas Instruments SN74ALS679 Datasheet HTML 2Page - Texas Instruments SN74ALS679 Datasheet HTML 3Page - Texas Instruments SN74ALS679 Datasheet HTML 4Page - Texas Instruments SN74ALS679 Datasheet HTML 5Page - Texas Instruments SN74ALS679 Datasheet HTML 6Page - Texas Instruments SN74ALS679 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN74ALS679
12-BIT ADDRESS COMPARATOR
SDAS003C – JUNE 1982 – REVISED JANUARY 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
12-Bit Address Comparator With Enable
Package Options Include Plastic
Small-Outline (DW) Packages and Standard
Plastic (N) 300-mil DIPs
description
This
12-bit
address
comparator
simplifies
addressing of memory boards and/or other
peripheral devices. The four P inputs are normally
hardwired with a preprogrammed address. An
internal
decoder
determines
what
input
information applied to the A inputs must be low or
high to cause a low state at the Y output. For
example, a positive-logic bit combination of 0111
(decimal 7) at the P input determines that inputs A1 through A7 must be low and that inputs A8 through A12 must
be high to cause the output to go low. Equality of the address applied at the A inputs to the preprogrammed
address is indicated by the output being low.
This device features an enable (G) input. When G is low, the device is enabled. When G is high, the device is
disabled and the output is high, regardless of the A and P inputs.
The SN74ALS679 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OUTPUT
G
P3
P2
P1
P0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
Y
L
L
L
L
L
H
H
H
H
H
H
H
H
H
H
H
H
L
L
L
LL
H
L
H
HHHH
HHH
H
H
H
L
L
L
LHL
L
L
HHHH
HHH
H
H
H
L
L
L
LH
HL
L
L
HHH
HHH
H
H
H
L
L
L
H
L
L
L
L
L
L
H
H
H
H
H
H
H
H
L
L
L
HL
H
L
L
LLL
H
H
H
H
H
H
H
L
L
L
HH
L
L
L
LLLL
H
H
H
H
H
H
L
L
L
HH
H
L
L
LLLL
L
H
H
H
H
H
L
L
H
L
L
L
L
L
L
L
L
L
L
L
H
H
H
H
L
L
H
LL
H
L
L
LLLL
LLL
H
H
H
L
L
H
LHL
L
L
LLLL
LLL
L
H
H
L
L
H
LH
HL
L
LLLL
LLL
L
L
H
L
L
H
H
L
L
L
L
L
L
L
L
L
L
H
H
H
L
L†
L
H
H
L
H
L
L
L
L
L
L
L
L
L
H
H
L
L†
L
H
H
H
L
L
L
L
L
L
L
L
L
L
L
H
L
L†
L
H
H
H
H
L
L
L
L
L
L
L
L
L
L
L
L
L
L
All other combinations
H
H
Any combination
H
† The three shaded rows of the function table show combinations that would normally not be used in address
comparator applications. The logic symbols above are not valid for these combinations in which P = 12, 13, and 14.
If symbols valid for all combinations are required, starting with the fourth exclusive-OR from the bottom, change P
≥ 9
to P = 9...11/13 . . . 15, P
≥ 10 to P = 10/11/14/15, and P ≥ 11 to P = 11/15.
DW OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
A1
A2
A3
A4
A5
A6
A7
A8
A9
GND
VCC
G
Y
P3
P2
P1
P0
A12
A11
A10
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Número de pieza similar - SN74ALS679

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALS679 TI-SN74ALS679 Datasheet
279Kb / 6P
[Old version datasheet]   12-BIT ADDRESS COMPARATORS
More results

Descripción similar - SN74ALS679

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HD74HC679 HITACHI-HD74HC679 Datasheet
67Kb / 10P
   12-bit Address Comparator
logo
Renesas Technology Corp
HD74HC680 RENESAS-HD74HC680 Datasheet
102Kb / 7P
   12-bit Address Comparator
logo
Hitachi Semiconductor
HD74HC680 HITACHI-HD74HC680 Datasheet
62Kb / 10P
   12-bit Address Comparator
logo
Renesas Technology Corp
HD74HC679 RENESAS-HD74HC679 Datasheet
96Kb / 7P
   12-bit Address Comparator
logo
Hitachi Semiconductor
HD74HC677 HITACHI-HD74HC677 Datasheet
52Kb / 8P
   16-bit Address Comparator
logo
Texas Instruments
SN74ALS677A TI1-SN74ALS677A Datasheet
130Kb / 7P
[Old version datasheet]   16-BIT ADDRESS COMPARATOR
logo
Hitachi Semiconductor
HD74HC678 HITACHI-HD74HC678 Datasheet
50Kb / 8P
   16-bit Address Comparator
logo
Texas Instruments
SN74ALS680 TI-SN74ALS680 Datasheet
279Kb / 6P
[Old version datasheet]   12-BIT ADDRESS COMPARATORS
logo
Radiometrix Ltd
CONTROL124 RADIOMETRIX-CONTROL124 Datasheet
553Kb / 7P
   4 bit Address - 12 bit Data encoder/decoder
logo
Texas Instruments
SN74ALS678 TI-SN74ALS678 Datasheet
302Kb / 7P
[Old version datasheet]   16-BIT ADDRESS COMAPARATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com