Nombre de pieza
         Descripción
49063-5167

 0.30mm (.012”) Pitch FPC Connector 1.20mm (.047”) Height ( 2 Page)


MOLEX
100% 
Zoom Out Zoom In
   
 2 page
background image
Description
Order No.
Circuits
Plating
Material (Housing/Terminal)
Packaging
With
Ramp
Right Angle, SMT
Easy-OnTM
Bottom Contact
Height = 2.00mm (.079”)
FPC Thickness = 0.12mm
No
49022-5067
50
Gold
Polyamide (Glass-filled),
UL 94V-0, Phosphor Bronze
Embossed Tape
49326-5017
Yes
Voltage: 50V
Current: 0.5A
Contact Resistance: 40mΩ max.
Dielectric Withstanding Voltage: AC 250V
Insulation Resistance: 50mΩ min.
Durability: 10 cycles
Housing: Polyamide (Glass-filled), UL 94V-0
Actuator: PPS
Contact: Phosphor Bronze
Plating: Terminal - Gold; Solder Tab - Tin
Operating Temperature: -40。
C ~ +85。
C
49326 has corner mold guides ramps to
accept cable tabs and provide additional
mating guidance and retention
Robust design provides protection to
housing and actuator
Footprint compatible with some
competitive versions
Easy-OnTM actuator rotates back 100% to
provide easy cable insertion and secure
cable retention on both 49022 and 49326
Plasma Display Panels (PDP)
Liquid Crystal Display (LCD) Panels
HDTV
TV Tuners
Power Units
LCD / PDP Panel Switches
PDP Scan Boards
Office Automation
Servers, Routers
DVD
Plain Paper Copier
This new connector has two versions: one with
molded ramp guides to accommodate notches
on the FPC cable and provide additional
mating guidance and retention; and a
standard version without the mold guides that
accepts various FPC cable.
The main application for this new high density
FPC connector is PDP flat panel displays and
Low Voltage Differential Signaling (LVDS) TV
applications. However, its robust features
make it ideal for many high-density FPC
applications
Specifications:
49022 series without
FPC tab guides
49326 series with
FPC tab guides
Molded ramps
hold FPC tabs
Americas Headquarters
2222 Wellington Ct,
Lisle,Illionois 60532 U.S.A
Tel: 1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
Tel: 81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
Tel: 65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
Tel: 49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct,
Lisle, Illinois 60532 U.S.A
Tel: 630-969-4550
Order No. KOR-032
ⓒ2006, Molex Korea
Visit our Web site at http://www.molex.com
Printed in Korea/3K/AN/AN/2006.03
0.50mm (.020”) Pitch
FPC Connector
2.00mm (.079”) Height
49022/49326
INTRODUCTION
FEATURES AND BENEFITS
SELECTION MATRIX
APPLICATIONS
1  2 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
FX8C-60P-SV0.6mm Pitch Stacking Height 3mm to 16mm Connector 1 2 3 4 5 MoreHirose Electric
FCZ254-08R_062.54mm PITCH CONNECTOR 1 YEONHO ELECTRONICS
4879521.0 mm FPC Connector Right Angle SMT Bottom Contact 1 2 Tyco Electronics
177983-0RECEPTACLE ASSEMBLY SH TYPE O.5 BOSS LENGTH FOR FH 0.8MM PITCH B-T-B CONNECTOR 1 2 List of Unclassifed Manufacturers
FCZ254-13B2.54mm PITCH CONNECTOR 1 YEONHO ELECTRONICS
FCZ100E-04RS-K_071.00mm PITCH CONNECTOR 1 YEONHO ELECTRONICS
FCZ100C-04RS-K_071.00mm PITCH CONNECTOR 1 YEONHO ELECTRONICS
DG3537DBMICRO FOOT 3x3 0.5-mm PITCH 0.238-mm BUMP HEIGHT 1 Vishay Siliconix
12520HS-101.25mm PITCH CONNECTOR 1 YEONHO ELECTRONICS
12517HS-06_071.25mm PITCH CONNECTOR 1 YEONHO ELECTRONICS

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl