Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7846JP Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD7846JP
Descripción Electrónicos  16-Bit Voltage Output DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7846JP Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7846JP Datasheet HTML 6Page - Analog Devices AD7846JP Datasheet HTML 7Page - Analog Devices AD7846JP Datasheet HTML 8Page - Analog Devices AD7846JP Datasheet HTML 9Page - Analog Devices AD7846JP Datasheet HTML 10Page - Analog Devices AD7846JP Datasheet HTML 11Page - Analog Devices AD7846JP Datasheet HTML 12Page - Analog Devices AD7846JP Datasheet HTML 13Page - Analog Devices AD7846JP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. E
–10–
AD7846
AD7846
DAC1
RIN
VOUT
DGND
VREF+
VREF–
DB0
DB15
–15V
AD588
VH
AD7846
DAC2
RIN
VOUT
DGND
VREF+
VREF–
DB0
DB15
AD7846
DAC3
RIN
VOUT
DGND
VREF+
VREF–
DB0
DB15
AD7846
DAC4
RIN
VOUT
DGND
VREF+
VREF–
DB0
DB15
COMPARE DATA
AND DON'T
CARE DATA
PERIOD
GENERATION
AND DELAY
DUT
FORMATTER
D
D
INH
INH
VL
AD345
COMPARE
REGISTER
AD9687
DC PARAMETRICS
+15V
R1
39k
STORED DATA
AND INHIBIT
PATTERN
Figure 21. Digital Test System with 16-Bit Performance
TEST APPLICATION
Figure 21 shows the AD7846 in an Automatic Test Equipment
application. The readback feature of the AD7846 is very useful
in these systems. It allows the designer to eliminate phantom
memory used for storing DAC contents and increases system
reliability since the phantom memory is now effectively on chip
with the DAC. The readback feature is used in the following
manner to control a data transfer. First, write the desired 16-bit
word to the DAC input latch using the
CS and R/W inputs.
Verify that correct data has been received by reading back the
latch contents. Now, the data transfer can be completed by
bringing the asynchronous
LDAC control line low. The analog
equivalent of the digital word now appears at the DAC output.
In Figure 21, each pin on the Device Under Test can be an
input or output. The AD345 is the pin driver for the digital
inputs, and the AD9687 is the receiver for the digital outputs.
The digital control circuitry determines the signal timing and
format.
DACs 1 and 2 set the pin driver voltage levels (VH and VL), and
DACs 3 and 4 set the receiver voltage levels. The pin drivers
used in ATE systems normally have a nonlinearity between
input and output. The 16-bit resolution of the AD7846 allows
compensation for these input/output nonlinearities. The dc
parametrics shown in Figure 21 measure the voltage at the
device pin and feed this back to the system processor. The pin
voltage can thus be fine-tuned by incrementing or decrementing
DACs 1 and 2 under system processor control.


Número de pieza similar - AD7846JP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7846JP AD-AD7846JP Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
AD7846JP-REEL AD-AD7846JP-REEL Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
AD7846JPZ AD-AD7846JPZ Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
AD7846JPZ-REEL AD-AD7846JPZ-REEL Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
More results

Descripción similar - AD7846JP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
   16-Channel, 16-Bit Voltage Output SoftSpan DAC
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC161S055 TI1-DAC161S055 Datasheet
486Kb / 23P
[Old version datasheet]   Precision 16-Bit, Buffered Voltage-Output DAC
logo
Linear Technology
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Analog Devices
AD7846 AD-AD7846_15 Datasheet
451Kb / 24P
   LC MOS 16-Bit Voltage Output DAC
Rev. G
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Analog Devices
AD5541A AD-AD5541A_18 Datasheet
435Kb / 20P
   Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
logo
Texas Instruments
DAC161S055 TI-DAC161S055_13 Datasheet
918Kb / 27P
[Old version datasheet]   DAC161S055 Precision 16-Bit, Buffered Voltage-Output DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com