Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ALVCH16903DGG Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza SN74ALVCH16903DGG
Descripción Electrónicos  3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH16903DGG Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74ALVCH16903DGG Datasheet HTML 4Page - Texas Instruments SN74ALVCH16903DGG Datasheet HTML 5Page - Texas Instruments SN74ALVCH16903DGG Datasheet HTML 6Page - Texas Instruments SN74ALVCH16903DGG Datasheet HTML 7Page - Texas Instruments SN74ALVCH16903DGG Datasheet HTML 8Page - Texas Instruments SN74ALVCH16903DGG Datasheet HTML 9Page - Texas Instruments SN74ALVCH16903DGG Datasheet HTML 10Page - Texas Instruments SN74ALVCH16903DGG Datasheet HTML 11Page - Texas Instruments SN74ALVCH16903DGG Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SN74ALVCH16903
3.3-V 12-BIT UNIVERSAL BUS DRIVER
WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
SCES095C – MARCH 1997 – REVISED MAY 1998
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC = 2.5 V ± 0.2 V
From Output
Under Test
PARI/O
LOAD CIRCUIT
tPLH
tPHL
VCC/2
VCC/2
VCC
0 V
VCC/2
VCC/2
VOH
VOL
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
Output
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2 ns, tf ≤ 2 ns.
C. tPLH and tPHL are the same as tpd.
CL = 0.6 pF
(see Note A)
Test
Point
PARI/O of
Second
ALVCH16903
CL = 0.6 pF
(see Note A)
ZO = 52 Ω
Td = 63 ps
Figure 2. Load Circuit and Voltage Waveforms
From Output
Under Test
CL = 30 pF
(see Note A)
LOAD CIRCUIT
RL = 10 Ω
tPLH
tPHL
VCC/2
VCC/2
VCC
0 V
VCC/2
VCC/2
VOH
VOL
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
Output
Test
Point
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2 ns, tf ≤ 2 ns.
Figure 3. Load Circuit and Voltage Waveforms


Número de pieza similar - SN74ALVCH16903DGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALVCH16903DGGR TI-SN74ALVCH16903DGGR Datasheet
220Kb / 16P
[Old version datasheet]   3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
More results

Descripción similar - SN74ALVCH16903DGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALVCH16903 TI-SN74ALVCH16903_06 Datasheet
220Kb / 16P
[Old version datasheet]   3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
logo
Integrated Device Techn...
IDT74ALVCH16903 IDT-IDT74ALVCH16903 Datasheet
125Kb / 13P
   3.3V CMOS 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER, DUAL 3-STATE OUTPUTS AND BUS-HOLD
logo
Texas Instruments
SN74ALVCF162835 TI-SN74ALVCF162835_07 Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCF162835 TI-SN74ALVCF162835 Datasheet
183Kb / 12P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVTH16835-EP TI1-SN74LVTH16835-EP Datasheet
309Kb / 11P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCF162834 TI1-SN74ALVCF162834 Datasheet
478Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVT16835 TI-SN74LVT16835 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74ACT11656 TI1-74ACT11656 Datasheet
253Kb / 11P
[Old version datasheet]   OCTAL BUFFER/LINE DRIVER WITH PARITY CHECKER/GENERATOR AND 3-STATE OUTPUTS
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com