Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
C-13-1250AC-T3-SSC2E-G5 Datasheet(PDF) 4 Page - Source Photonics, Inc. |
|
C-13-1250AC-T3-SSC2E-G5 Datasheet(HTML) 4 Page - Source Photonics, Inc. |
4 / 8 page 4 20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213 LUMNDS827-Jan0408 Rev A.1 LUMINENTOIC.COM 1.25 Gbps Single Mode Transceiver C-13-1250AC-T(3)-SSC(2) Recommended Circuit Schematic The split-loaded terminations for ECL signals need to be located at the input of devices receiving those ECL signals. The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx Vcc. A GND plane under the module is required for good EMI and sensitivity performance. 1 2 3 4 5 9 7 8 6 Rx Vcc Tx Vcc Transceiver Top view No internal connection No internal connection Z=50 Z=50 TD + TD - RD - RD + SD Vcc Z=50 Z=50 Notes: C1=C2=0.1F C3=C4=10F L1=L2=1H Tx Vcc Rx Vcc C1 C2 C3 C4 L1 L2 |
Número de pieza similar - C-13-1250AC-T3-SSC2E-G5 |
|
Descripción similar - C-13-1250AC-T3-SSC2E-G5 |