Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74CBTD16211DGV Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza SN74CBTD16211DGV
Descripción Electrónicos  24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTD16211DGV Datasheet(HTML) 3 Page - Texas Instruments

  SN74CBTD16211DGV Datasheet HTML 1Page - Texas Instruments SN74CBTD16211DGV Datasheet HTML 2Page - Texas Instruments SN74CBTD16211DGV Datasheet HTML 3Page - Texas Instruments SN74CBTD16211DGV Datasheet HTML 4Page - Texas Instruments SN74CBTD16211DGV Datasheet HTML 5Page - Texas Instruments SN74CBTD16211DGV Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SN74CBTD16211
24-BIT FET BUS SWITCH
WITH LEVEL SHIFTING
SCDS048C – MARCH 1998 – REVISED MAY 1998
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
V
VOH
See Figure 2
II
VCC = 5.5 V,
VI = 5.5 V or GND
±1
µA
ICC
VCC = 5.5 V,
IO = 0,
VI = VCC or GND
1.5
mA
∆ICC‡
Control inputs
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
2.5
mA
Ci
Control inputs
VI = 3 V or 0
3
pF
Cio(OFF)
VO = 3 V or 0,
OE = VCC
5.5
pF
§
VI =0
II = 64 mA
5
7
ron§
VCC = 4.5 V
VI = 0
II = 30 mA
5
7
VI = 2.4 V,
II = 15 mA
35
50
† All typical values are at VCC = 5 V, TA = 25°C.
‡ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
§ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by
the lowest voltage of the two (A or B) terminals.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
UNIT
tpd¶
A or B
B or A
0.25
ns
ten
OE
A or B
1.5
9.8
ns
tdis
OE
A or B
1.5
8.9
ns
¶ The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when
driven by an ideal voltage source (zero output impedance).


Número de pieza similar - SN74CBTD16211DGV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBTD16211DGVR TI-SN74CBTD16211DGVR Datasheet
330Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
More results

Descripción similar - SN74CBTD16211DGV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBTD16211DGVR TI-SN74CBTD16211DGVR Datasheet
330Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
logo
Fairchild Semiconductor
FSTD16211 FAIRCHILD-FSTD16211 Datasheet
322Kb / 7P
   24-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16211 ONSEMI-FSTD16211 Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
logo
Texas Instruments
SN74CBTD3861 TI-SN74CBTD3861 Datasheet
80Kb / 6P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3861 TI1-SN74CBTD3861_15 Datasheet
669Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16210 TI-SN74CBTD16210 Datasheet
87Kb / 6P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3861 TI-SN74CBTD3861_06 Datasheet
303Kb / 13P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16210DGGR TI-SN74CBTD16210DGGR Datasheet
352Kb / 12P
[Old version datasheet]   SN74CBTD16210 20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306DRG4 TI-SN74CBTD3306DRG4 Datasheet
755Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD1G384 TI-SN74CBTD1G384 Datasheet
71Kb / 5P
[Old version datasheet]   SINGLE FET BUS SWITCH WITH LEVEL SHIFTING
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com