Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SSB0605101MZF Datasheet(PDF) 2 Page - Superworld Electronics

No. de pieza SSB0605101MZF
Descripción Electrónicos  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUPERWORLD [Superworld Electronics]
Página de inicio  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSB0605101MZF Datasheet(HTML) 2 Page - Superworld Electronics

  SSB0605101MZF Datasheet HTML 1Page - Superworld Electronics SSB0605101MZF Datasheet HTML 2Page - Superworld Electronics SSB0605101MZF Datasheet HTML 3Page - Superworld Electronics SSB0605101MZF Datasheet HTML 4Page - Superworld Electronics SSB0605101MZF Datasheet HTML 5Page - Superworld Electronics SSB0605101MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SSB0605 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
18.04.2008
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
22.0±20%
SSB0605220MZF
SSB0605270MZF
SSB0605330MZF
SSB0605470MZF
SSB0605680MZF
SSB0605560MZF
SSB0605820MZF
SSB0605390MZF
47.0±20%
68.0±20%
56.0±20%
82.0±20%
27.0±20%
33.0±20%
39.0±20%
SSB06054R7MZF
SSB06056R8MZF
SSB06053R3MZF
SSB0605120MZF
SSB0605180MZF
SSB0605150MZF
SSB0605100MZF
10.0±20%
12.0±20%
18.0±20%
15.0±20%
4.7±20%
6.8±20%
3.3±20%
Part No.
SSB06051R0MZF
SSB06052R2MZF
SSB06051R5MZF
Inductance
2.2±20%
1.5±20%
1.0±20%
( µH )
0.65
110
200
0.45
285
0.37
390
0.35
255
0.40
165
0.55
180
0.48
120
0.60
1.00
60
70
0.80
95
0.70
65
0.90
40
1.40
45
1.20
35
1.80
( A )
( m )
Max.
28
26
1.90
2.30
23
Max.
2.70
RDC
IDC
SSB0605561MZF
SSB0605821MZF
SSB0605102MZF
SSB0605681MZF
820.0±20%
1000.0±20%
560.0±20%
680.0±20%
1V / 100K
1V / 100K
1V / 100K
1V / 100K
3650
4150
2150
3300
0.11
0.10
0.13
0.12
1V / 100K
470
SSB0605121MZF
120.0±20%
SSB0605271MZF
270.0±20%
SSB0605471MZF
SSB0605391MZF
SSB0605331MZF
470.0±20%
390.0±20%
330.0±20%
SSB0605221MZF
SSB0605181MZF
SSB0605151MZF
180.0±20%
220.0±20%
150.0±20%
1V / 100K
1100
1V / 100K
1V / 100K
1V / 100K
1700
1900
1200
1V / 100K
1V / 100K
1V / 100K
720
820
630
SSB0605101MZF
100.0±20%
1V / 100K
420
0.28
0.18
0.16
0.14
0.17
0.22
0.20
0.25
0.30
Frequency
Test
( Hz )


Número de pieza similar - SSB0605101MZF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Superworld Electronics
SSB0602 SUPERWORLD-SSB0602 Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB0602100MZF SUPERWORLD-SSB0602100MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB0602101MZF SUPERWORLD-SSB0602101MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB0602102MZF SUPERWORLD-SSB0602102MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB0602150MZF SUPERWORLD-SSB0602150MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
More results

Descripción similar - SSB0605101MZF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com