Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SSB1004181MZF Datasheet(PDF) 2 Page - Superworld Electronics

No. de pieza SSB1004181MZF
Descripción Electrónicos  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUPERWORLD [Superworld Electronics]
Página de inicio  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSB1004181MZF Datasheet(HTML) 2 Page - Superworld Electronics

  SSB1004181MZF Datasheet HTML 1Page - Superworld Electronics SSB1004181MZF Datasheet HTML 2Page - Superworld Electronics SSB1004181MZF Datasheet HTML 3Page - Superworld Electronics SSB1004181MZF Datasheet HTML 4Page - Superworld Electronics SSB1004181MZF Datasheet HTML 5Page - Superworld Electronics SSB1004181MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SSB1004 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
18.04.2008
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
SSB10043R3MZF
3.3±20%
SSB1004330MZF
SSB1004390MZF
SSB1004270MZF
SSB1004470MZF
47.0±20%
33.0±20%
39.0±20%
27.0±20%
SSB10046R8MZF
SSB1004100MZF
SSB10044R7MZF
SSB1004150MZF
SSB1004220MZF
SSB1004180MZF
SSB1004120MZF
12.0±20%
15.0±20%
18.0±20%
22.0±20%
10.0±20%
6.8±20%
4.7±20%
Part No.
SSB10041R5MZF
SSB10042R2MZF
Inductance
1.5±20%
2.2±20%
( µH )
4.00
26
1.00
150
1.15
110
120
1.10
85
1.20
2.00
50
80
60
1.50
1.70
55
1.80
2.50
35
42
2.20
30
3.00
IDC
RDC
( m )
5.00
21
24
4.50
Max.
Max.
( A )
1V / 100K
1V / 100K
1V / 100K
SSB1004560MZF
SSB1004820MZF
SSB1004680MZF
56.0±20%
82.0±20%
68.0±20%
0.85
190
210
0.80
160
0.90
0.30
1100
1V / 100K
SSB1004471MZF
470.0±20%
SSB1004102MZF
1000.0±20%
SSB1004561MZF
SSB1004821MZF
SSB1004681MZF
680.0±20%
820.0±20%
560.0±20%
2150
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1700
1900
1250
0.22
0.24
0.23
0.28
330
1V / 100K
SSB1004121MZF
120.0±20%
SSB1004271MZF
SSB1004391MZF
SSB1004331MZF
390.0±20%
270.0±20%
330.0±20%
SSB1004151MZF
SSB1004181MZF
SSB1004221MZF
180.0±20%
220.0±20%
150.0±20%
1V / 100K
1V / 100K
1V / 100K
1050
700
760
1V / 100K
1V / 100K
1V / 100K
510
560
360
SSB1004101MZF
100.0±20%
1V / 100K
300
0.65
0.32
0.40
0.37
0.50
0.45
0.55
0.70
Test
Frequency
( Hz )


Número de pieza similar - SSB1004181MZF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Superworld Electronics
SSB1003 SUPERWORLD-SSB1003 Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB1003-102MF SUPERWORLD-SSB1003-102MF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB1003-331MF SUPERWORLD-SSB1003-331MF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB1003-391MF SUPERWORLD-SSB1003-391MF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB1003-471MF SUPERWORLD-SSB1003-471MF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
More results

Descripción similar - SSB1004181MZF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com