Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74CBT3245ARGYRG4 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza SN74CBT3245ARGYRG4
Descripción Electrónicos  OCTAL FET BUS SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT3245ARGYRG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74CBT3245ARGYRG4 Datasheet HTML 1Page - Texas Instruments SN74CBT3245ARGYRG4 Datasheet HTML 2Page - Texas Instruments SN74CBT3245ARGYRG4 Datasheet HTML 3Page - Texas Instruments SN74CBT3245ARGYRG4 Datasheet HTML 4Page - Texas Instruments SN74CBT3245ARGYRG4 Datasheet HTML 5Page - Texas Instruments SN74CBT3245ARGYRG4 Datasheet HTML 6Page - Texas Instruments SN74CBT3245ARGYRG4 Datasheet HTML 7Page - Texas Instruments SN74CBT3245ARGYRG4 Datasheet HTML 8Page - Texas Instruments SN74CBT3245ARGYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74CBT3245ADBLE
OBSOLETE
SSOP
DB
20
TBD
Call TI
Call TI
SN74CBT3245ADBQR
ACTIVE
SSOP/
QSOP
DBQ
20
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1YEAR
SN74CBT3245ADBQRE4
ACTIVE
SSOP/
QSOP
DBQ
20
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1YEAR
SN74CBT3245ADBR
ACTIVE
SSOP
DB
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBT3245ADBRE4
ACTIVE
SSOP
DB
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBT3245ADGVR
ACTIVE
TVSOP
DGV
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBT3245ADGVRE4
ACTIVE
TVSOP
DGV
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBT3245ADW
ACTIVE
SOIC
DW
20
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBT3245ADWE4
ACTIVE
SOIC
DW
20
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBT3245ADWR
ACTIVE
SOIC
DW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBT3245ADWRE4
ACTIVE
SOIC
DW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBT3245AGQNR
ACTIVE
VFBGA
GQN
20
1000
TBD
SNPB
Level-1-240C-UNLIM
SN74CBT3245APW
ACTIVE
TSSOP
PW
20
70
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBT3245APWE4
ACTIVE
TSSOP
PW
20
70
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBT3245APWLE
OBSOLETE
TSSOP
PW
20
TBD
Call TI
Call TI
SN74CBT3245APWR
ACTIVE
TSSOP
PW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBT3245APWRG4
ACTIVE
TSSOP
PW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBT3245ARGYR
ACTIVE
QFN
RGY
20
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1YEAR
SN74CBT3245ARGYRG4
ACTIVE
QFN
RGY
20
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1YEAR
SN74CBT3245AZQNR
ACTIVE
VFBGA
ZQN
20
1000 Green (RoHS &
no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
PACKAGE OPTION ADDENDUM
www.ti.com
4-Oct-2005
Addendum-Page 1


Número de pieza similar - SN74CBT3245ARGYRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBT3245ARGYRG4 TI-SN74CBT3245ARGYRG4 Datasheet
850Kb / 20P
[Old version datasheet]   OCTAL FET BUS SWITCH
More results

Descripción similar - SN74CBT3245ARGYRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HD74CBT3244 RENESAS-HD74CBT3244 Datasheet
213Kb / 11P
   Octal FET Bus Switch
logo
Texas Instruments
SN74CBT3244 TI1-SN74CBT3244_15 Datasheet
1Mb / 31P
[Old version datasheet]   Octal FET Bus Switch
logo
Renesas Technology Corp
HD74CBT3245A RENESAS-HD74CBT3245A Datasheet
215Kb / 12P
   Octal FET Bus Switch
logo
Texas Instruments
SN74CBT3244DBR TI1-SN74CBT3244DBR Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3245A TI-SN74CBT3245A_10 Datasheet
850Kb / 20P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3244 TI-SN74CBT3244 Datasheet
64Kb / 4P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBTLV3245A TI-SN74CBTLV3245A_10 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245 TI-SN74CBTLV3245 Datasheet
79Kb / 6P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245A TI-SN74CBTLV3245A Datasheet
367Kb / 11P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com