Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74735-0010 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 74735-0010
Descripción Electrónicos  X2 10 Gbps System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74735-0010 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  74735-0010 Datasheet HTML 1Page - Molex Electronics Ltd. 74735-0010 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
X2 10 Gbps System
74735 Transceiver
74744 Rail
SPECIFICATIONS
n
Transmits 10 Gbps data up to 15 meters over
Copper(Cu) cable enabling high-speed data
transmission
n
Hot-swappable design enables transceiver to be
removed or installed without powering-down
n
Zinc die-cast backshells provide 360° Electro
Magnetic Interference (EMI) Shielding
n
Designed to meet Gigabit Ethernet standards IEEE
802.3ak for CX4 and IEEE 802.3ae for XAUI for
compliance with X2 MSA
n
Threaded screw holes for rail provide screw down
feature for increased retention to the PCB
n
Positive latching function on the guide frame
provides proper transceiver retention
n
Die-cast guide frame provides sturdy, robust
transceiver-to-chassis interface
n
Guide frame alignment posts provide stability for
placement on PCB
Features and Benefits
Molex’s X2 Pluggable Copper Transceiver meets broad market demands for high-speed
interconnects in distances up to 15 meters
Molex’s X2 copper transceiver is designed for
high-speed, 10 Gigabit Ethernet applications. The
transceiver design is based on a 3.125 Gbps XAUI (10
Gigabit Attachment Unit Interface) to XAUI re-timer,
with transmit pre-emphasis and receive equalization.
This design ensures the signal can be boosted to
compensate for signal loss at high frequencies. Pre-
emphasis is achieved by boosting the high-frequency
content of a transmitted signal or attenuating low-
frequency content to compensate for high-frequency
loss in the cable assembly. Receiver equalization is a
similar process applied to the receiver. The re-timer
also incorporates clock and data recovery as well as
XAUI lane alignment.
The Molex X2 transceiver utilizes an industry standard
10Gbase CX4 cable interface (LaneLink Series 74526)
and combines with the X2 guide rail (Molex Series
74744) and 70-circuit X2 connector (Molex Part
74441-0013) for a total system solution. The Molex
pluggable 10 Gbps transceiver meets Gigabit Ethernet
standards IEEE 802.3ak for CX4 and IEEE 802.3ae for
XAUI.
The die-cast guide frame provides transceiver retention
and a sturdy transmit-to-receive interface.
For more information on Molex’s extensive X2 product
offering, please visit:www.molex.com/product/
x2.html.
Reference Information
Packaging: Static resistant bag and box
Transceiver Mates with: Host Connector (Series 74441),
LaneLink™ CX4 Cable Assembly (Series 74526)
Use with: X2 Transceiver (Series 74735) and X2 Rail
(Series 74744) used together
Designed In: Millimeters
Electrical
Voltage: 3.3V
Current: 3.3V
Mechanical
Mating Force:
Min.: 20N (4.5 lbf)
Max.: 40N (9 lbf), 80N (18 lbf) max. allowed by MSA
Unmating Force:
Min.: 8N (1.79 lbf)
Max.: 35N (7.9 lbf)
Durability: 100 cycles
Physical
Housing: Zinc (Zn)
Housing Plating: Nickel (Ni)
PCB contact: 0.76µm (30µ”) Gold (Au)
PCB Thickness: 1.00mm (.393”) +/- 0.10mm (.004”)
Operating Temperature: -40 to +85° C


Número de pieza similar - 74735-0010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
7473 FAIRCHILD-7473 Datasheet
39Kb / 3P
   Dual Master-Slave J-K Flip-Flops with Clear and Complementary Outputs
logo
List of Unclassifed Man...
7473 ETC1-7473 Datasheet
137Kb / 5P
   Dual JK Fllp-Flop Product Specification
December 4, 1985
logo
Molex Electronics Ltd.
74732-0220 MOLEX-74732-0220 Datasheet
228Kb / 2P
   XPAK 10Gbps Guide Rail
74736-0230 MOLEX8-74736-0230 Datasheet
52Kb / 1P
   XFP CAGE. HEAT SINK CLIP
74736-0242 MOLEX8-74736-0242 Datasheet
60Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
More results

Descripción similar - 74735-0010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TUSB1104 TI-TUSB1104 Datasheet
1Mb / 55P
[Old version datasheet]   TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
APRIL 2022
logo
OKI electronic componet...
KGL4201 OKI-KGL4201 Datasheet
445Kb / 24P
   10-Gbps GaAs Family High-Speed Optical Communications System
logo
Renesas Technology Corp
DAC1653D RENESAS-DAC1653D Datasheet
3Mb / 168P
   Dual 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
28 April 2014
DAC1653Q RENESAS-DAC1653Q Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
logo
Keysight Technologies
U7243B KEYSIGHT-U7243B Datasheet
3Mb / 20P
   USB 3.1 ??5 Gbps and 10 Gbps
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6125 AVAGO-AMMP-6125 Datasheet
424Kb / 9P
   10-24 GHz x2 Frequency Multiplier
logo
Silicon Laboratories
SI5040 SILABS-SI5040 Datasheet
131Kb / 2P
   10 Gbps XFP Transceiver
logo
List of Unclassifed Man...
SI5040-D-GM ETC2-SI5040-D-GM Datasheet
138Kb / 2P
   10 Gbps XFP Transceiver
logo
Molex Electronics Ltd.
74739-0001 MOLEX-74739-0001 Datasheet
104Kb / 2P
   XPAK 10 Gbps Transceiver
logo
Texas Instruments
TLK3114SA TI1-TLK3114SA_13 Datasheet
317Kb / 66P
[Old version datasheet]   10-Gbps XAUI Transceiver
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com