Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME41-1.2 Datasheet(PDF) 2 Page - Analog Microelectronics

No. de pieza AME41-1.2
Descripción Electrónicos  Shunt Bandgap Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME41-1.2 Datasheet(HTML) 2 Page - Analog Microelectronics

  AME41-1.2 Datasheet HTML 1Page - Analog Microelectronics AME41-1.2 Datasheet HTML 2Page - Analog Microelectronics AME41-1.2 Datasheet HTML 3Page - Analog Microelectronics AME41-1.2 Datasheet HTML 4Page - Analog Microelectronics AME41-1.2 Datasheet HTML 5Page - Analog Microelectronics AME41-1.2 Datasheet HTML 6Page - Analog Microelectronics AME41-1.2 Datasheet HTML 7Page - Analog Microelectronics AME41-1.2 Datasheet HTML 8Page - Analog Microelectronics AME41-1.2 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AME
2
Shunt Bandgap Voltage Reference
AME41-1.2
Rev.G.03
n Pin Configuration
AME 41-1.2
1. NC
2. NC
3. NC
4.
-
5. NC
6. NC
7. NC
8. +
* Die Attach:
Conductive Epoxy
SOP-8
Top View
SOT-23
Top View
TO-92-3
Top View
TO-92-2
Top View
* The NC pin must float or be connected to - (negative)
AME41-1.2
1.
+
2.
-
3. NC*
* Die Attach:
Non-Conductive Epoxy
AME41-1.2
1.
+
2.
-
* Die Attach:
Non-Conductive Epoxy
AME 41-1.2
1. NC*
2.
+
3.
-
* Die Attach:
Non-Conductive Epoxy
1
1
3
2
4
AME41
5
6
7
8
1
2
3
AME41
AME41
1
2
1
3
2
AME41


Número de pieza similar - AME41-1.2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results

Descripción similar - AME41-1.2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
   Shunt Bandgap Voltage Reference
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
   Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
   Shunt Bandgap Voltage Reference
AME4041 AME-AME4041 Datasheet
91Kb / 9P
   Shunt Bandgap Voltage Reference
AME385-1.2 AME-AME385-1.2 Datasheet
183Kb / 14P
   Shunt Bandgap Voltage Reference
logo
Calogic, LLC
CLM4040 CALOGIC-CLM4040 Datasheet
32Kb / 3P
   Precision Micropower Bandgap Shunt Reference
CLM4041 CALOGIC-CLM4041 Datasheet
32Kb / 3P
   Precision Micropower Bandgap Shunt Reference
logo
Linear Technology
LT1029 LINER-LT1029 Datasheet
193Kb / 4P
   5V Bandgap Reference
LT1029A LINER-LT1029A_15 Datasheet
81Kb / 4P
   5V Bandgap Reference
LT1029 LINER-LT1029_15 Datasheet
81Kb / 4P
   5V Bandgap Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com