Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74FB1651PCA Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza SN74FB1651PCA
Descripción Electrónicos  17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74FB1651PCA Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74FB1651PCA Datasheet HTML 2Page - Texas Instruments SN74FB1651PCA Datasheet HTML 3Page - Texas Instruments SN74FB1651PCA Datasheet HTML 4Page - Texas Instruments SN74FB1651PCA Datasheet HTML 5Page - Texas Instruments SN74FB1651PCA Datasheet HTML 6Page - Texas Instruments SN74FB1651PCA Datasheet HTML 7Page - Texas Instruments SN74FB1651PCA Datasheet HTML 8Page - Texas Instruments SN74FB1651PCA Datasheet HTML 9Page - Texas Instruments SN74FB1651PCA Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SN74FB1651
17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER
WITH BUFFERED CLOCK LINE
SCBS177L – OCTOBER 1993 – REVISED SEPTEMBER 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
fmax
150
150
MHz
tPLH
AI
B
1.8
3.7
5.3
1.8
6.2
ns
tPHL
AI
B
2.9
4.4
6
2.9
6.6
ns
tPLH
LEAB
B
2.7
4.2
5.8
2.7
6.4
ns
tPHL
LEAB
B
3.5
5
6.5
3.5
7.3
ns
tPLH
CLKAB
B
2.3
3.9
5.5
2.3
6
ns
tPHL
CLKAB
B
2.9
4.5
6.1
2.9
6.7
ns
tPLH
2CLKAB
2CLKAB
4.6
6.9
8.8
4.6
9.9
ns
tPHL
2CLKAB
2CLKAB
4.9
6.5
8.1
4.9
8.8
ns
tPLH
B
AO
3.5
5.9
7.9
3.5
8
ns
tPHL
B
AO
2.2
3.7
5.3
2.2
5.7
ns
tPLH
LEBA
AO
1.8
3.2
4.6
1.8
5.1
ns
tPHL
LEBA
AO
1.7
3
4.4
1.7
4.7
ns
tPLH
CLKBA
AO
1.8
3.1
4.6
1.8
5.1
ns
tPHL
CLKBA
AO
1.7
3.1
4.6
1.7
4.9
ns
tPLH
2CLKAB
2CLK
6.4
9.7
11.8
6.4
13.4
ns
tPHL
2CLKAB
2CLK
4.1
6.9
8.9
4.1
10.3
ns
tPLH
OEB
B
2.7
4.6
6.4
2.7
6.7
ns
tPHL
OEB
B
2.9
4.1
5.9
2.9
6.6
ns
tPLH
OEB
B
2.6
4.3
6.2
2.6
6.6
ns
tPHL
OEB
B
3.4
4.6
6.4
3.4
7
ns
tPZH
OEA
AO
1.4
2.9
4.4
1.4
4.9
ns
tPZL
OEA
AO
1.4
2.6
4
1.4
4.6
ns
tPHZ
OEA
AO
1.7
3.4
5.1
1.7
5.8
ns
tPLZ
OEA
AO
2.2
3.6
5
2.2
5.5
ns
tPZH
OEA
AO
1.7
3.3
4.7
1.7
5.5
ns
tPZL
OEA
AO
1.7
3.1
4.4
1.7
5.1
ns
tPHZ
OEA
AO
1.5
2.9
4.5
1.5
5.1
ns
tPLZ
OEA
AO
2
3.1
4.6
2
4.8
ns
t
Pulse skew, CLK to B and 2CLKAB
ns
tsk(p)†
Pulse skew, CLK to B
ns
tsk(p)‡
Pulse skew, AI to B or B to AO
1
ns
tsk(o)‡
Pulse skew, AI to B or B to AO
0.5
ns
tt
B outputs (1.3 V to 1.8 V)
0.9
1.7
0.5
4.6
ns
t
Transition time†
AO outputs (10% to 90%)
0.5
2
0.4
4.2
ns
B-port input pulse rejection
1
1
ns
† Skew values are applicable for CLK mode only.
‡ Skew values are applicable for through mode only.


Número de pieza similar - SN74FB1651PCA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74FB1651PCA TI-SN74FB1651PCA Datasheet
199Kb / 12P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
More results

Descripción similar - SN74FB1651PCA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74FB1651 TI-SN74FB1651_06 Datasheet
199Kb / 12P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1653 TI-SN74FB1653 Datasheet
201Kb / 12P
[Old version datasheet]   17-BIT LVTTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1650 TI-SN74FB1650 Datasheet
157Kb / 10P
[Old version datasheet]   18-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER
logo
Fairchild Semiconductor
GTLP16616 FAIRCHILD-GTLP16616 Datasheet
72Kb / 10P
   17-Bit TTL/GTLP Bus Transceiver with Buffered Clock
GTLP16617 FAIRCHILD-GTLP16617 Datasheet
74Kb / 10P
   17-Bit TTL/GTLP Synchronous Bus Transceiver with Buffered Clock
logo
Texas Instruments
SN74GTL16616 TI-SN74GTL16616_06 Datasheet
160Kb / 14P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
logo
Fairchild Semiconductor
GTLP17T616 FAIRCHILD-GTLP17T616 Datasheet
93Kb / 10P
   17-Bit LVTTL/GTLP Bus Transceiver with Buffered Clock
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74GTLPH1616 TI1-SN74GTLPH1616 Datasheet
351Kb / 18P
[Old version datasheet]   17-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com